Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5762E Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5762E
Description  High Voltage Multi-Mode PWM Controller with BNO Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5762E Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5762E Datasheet HTML 1Page - Leadtrend Technology LD5762E Datasheet HTML 2Page - Leadtrend Technology LD5762E Datasheet HTML 3Page - Leadtrend Technology LD5762E Datasheet HTML 4Page - Leadtrend Technology LD5762E Datasheet HTML 5Page - Leadtrend Technology LD5762E Datasheet HTML 6Page - Leadtrend Technology LD5762E Datasheet HTML 7Page - Leadtrend Technology LD5762E Datasheet HTML 8Page - Leadtrend Technology LD5762E Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LD5762E/A
11/09/2017
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5762E/A-DS-00 November 2017
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V~30V
HV
-0.3V~710V
COMP, FB, CS
-0.3V~6V
OUT
-0.3V~VCC+0.3V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-8/SOP-7)
160
C/W
Power Dissipation (SOP-8/SOP-7, at Ambient Temperature = 85
C)
250mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (except of HV Pin)
2.5KV
ESD Voltage Protection, Machine Model (except of HV Pin)
250V
ESD Voltage Protection, Human Body Model (HV Pin)
1KV
ESD Voltage Protection, Machine Model (HV pin)
200V
Gate Output Current
+300/-800mA
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.5
26.5
V
HV resistor Value (AC Side)
8
17.5
K
HV to GND Capacitor Value
--
300
pF
Comp Pin Capacitor
1
10
nF
CS Pin Capacitor Value
47
390
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com