Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7592 Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7592
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7592 Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7592 Datasheet HTML 2Page - Leadtrend Technology LD7592 Datasheet HTML 3Page - Leadtrend Technology LD7592 Datasheet HTML 4Page - Leadtrend Technology LD7592 Datasheet HTML 5Page - Leadtrend Technology LD7592 Datasheet HTML 6Page - Leadtrend Technology LD7592 Datasheet HTML 7Page - Leadtrend Technology LD7592 Datasheet HTML 8Page - Leadtrend Technology LD7592 Datasheet HTML 9Page - Leadtrend Technology LD7592 Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LD7592
06/05/2017
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7592-DS-00 June 2017
PARAMETER
CONDITIONS
SYM.
MIN
TYP
MAX
UNITS
Current Sensing (CS Pin)
Current Sense Input Threshold Voltage
OCP
200
A
Input bias current
VCS=0V~1V
IBIAS1
1
A
Leading Edge Blanking Time
LEB
350
ns
CS Lower Clamp Voltage
ICS=-2mA
VCSCLAMP
0
-0.3
V
ZCD Trip Level
IZCD
2
A
Maximum ON-Time, Ton-max (RAMP Pin)
Maximum On Time Voltage
RRAMP=40.5K
VRAMP
2.784
2.900
3.016
V
Maximum On Time Programming
RRAMP=40.5K
TRAMP1
20
24
28
s
Maximum On Time
RRAMP≥100K
TRAMPMAX1
36
40
44
s
Minimum OFF-Time
Minimum OFF-Time
TMIN
1
s
Gate Drive Output (OUT Pin)
Output Low Level
VCC=12V,
ISINK=20mA
VOL
0.5
V
Output High Level
VCC=12V,
ISOURCE=20mA
VOH
9
12
V
Output High Clamp Level
VCC=18V
VO_CLAMP
11
13
15
V
Rising Time
VCC=12V,
CL=1000pF
Tr
75
ns
Falling Time
VCC=12V,
CL=1000pF
Tf
75
ns
Starter
Start Timer Period
TSTART
120
150
180
s
Internal OTP
OTP Trip level
*
TINOTP
140
C
OTP Hysteresis
*
TINOTP_HYS
30
C
*: Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com