Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1973 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1973
Description  Automotive Light Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1973 Datasheet HTML 1Page - Microsemi Corporation LX1973 Datasheet HTML 2Page - Microsemi Corporation LX1973 Datasheet HTML 3Page - Microsemi Corporation LX1973 Datasheet HTML 4Page - Microsemi Corporation LX1973 Datasheet HTML 5Page - Microsemi Corporation LX1973 Datasheet HTML 6Page - Microsemi Corporation LX1973 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LX1973
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.0 2006-01-04
Automotive Light Sensor
TM
®
ABSOLUTE MAXIMUM RATINGS
VDD ................................................................................................................. -0.3 to 6 VDC
SNK/SRC (Output Compliance Voltage)........................................... -0.3 to VDD + 0.3VDC
SNK/SRC (Maximum Output Current)................................................... Internally Limited
Maximum Operating Junction Temperature ..............................................................150°C
Operating Temperature Range ........................................................................ -40 to +85°C
Storage Temperature Range.............................................................................-55 to 125°C
Peak Package Solder Reflow Temp. (40 seconds maximum exposure).......... 260° (+0, -5)
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
Solder reflow to follow: IPC/JEDEC J-STD-020B 7/02 Pb-SN Small Body Profile
TH ERMAL DATA
DU Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
39
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
VSS
NC
NC
VDD
NC
NC
OUT
NC
1
2
3
5
4
6
7
8
DU PACKAGE
(Top View)
1
2
3
4
5
6
7
8
PACKAGE MARKING
(Bottom View)
xxxx – Denotes Date Code / Lot information
RoHS / Pb-free 100% matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
VDD
Input Supply Voltage
VSS
Ground Reference for Power and Signal Output
OUT
Output Current
VDD
Input Supply Voltage
SIMPLIFIED BLOCK DIAGRAM
PACKAGE PHOTO
VDD
GND
OUT
NC
Photopic
Sensor with
Dark Current
Cancellation
Pre
Amplifier
Com-
pression
Amplifier
In Package
Trim
Figure 1 –
Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com