Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116Q Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD8116Q
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116Q Datasheet(HTML) 2 Page - Leadtrend Technology

  LD8116Q Datasheet HTML 1Page - Leadtrend Technology LD8116Q Datasheet HTML 2Page - Leadtrend Technology LD8116Q Datasheet HTML 3Page - Leadtrend Technology LD8116Q Datasheet HTML 4Page - Leadtrend Technology LD8116Q Datasheet HTML 5Page - Leadtrend Technology LD8116Q Datasheet HTML 6Page - Leadtrend Technology LD8116Q Datasheet HTML 7Page - Leadtrend Technology LD8116Q Datasheet HTML 8Page - Leadtrend Technology LD8116Q Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LD8116Q
08/04/2020
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116Q-DS-00 August 2020
Pin Configuration
Y
: Year code (N: 2014, O: 2015…..)
W
: Week code
PP
: Production code
V16Q : LD8116Q
 
12
3
65
4
YWV 16Q
PP
DIM
LPF
VCC
OUT
GND
ISET
SOT-26 (TOP VIEW)
Ordering Information
Part number
Package
Top Mark
Shipping
LD8116Q GL
SOT-26
YWV/16Q/PP
3000 /tape & reel
The LD8116Q GL is ROHS compliant/ green packaged
Protection Mode
Part number
Internal OTP
Cut off ( Dimming to off) Function
LD8116Q GL
Auto-recovery
OUT pin is open drain
None
Pin Descriptions
Pin
NAME
FUNCTION
1
VCC
Supply voltage pin.
2
GND
Ground or Power return pin.
3
OUT
This pin is dimming output. It’s an open-drain configuration.
Connect this pin to power supply by a resistor.
4
ISET
This pin is used to set bias current of DIM pin by a resistor
(= RISET) connected between this pin and GND.
5
LPF
When chip is operated by PWM mode, PWM dimming signal filter
capacitor connection. Recommend is 0.1uF
6
DIM
Dimming signal input;
- Voltage Potential : 0/1V to 10V
- PWM Dimming : 500 to 10kHz and amplitude is upper 3.0V
- Potentiometer : 0 to 100k ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com