Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116QGL Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD8116QGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116QGL Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD8116QGL Datasheet HTML 3Page - Leadtrend Technology LD8116QGL Datasheet HTML 4Page - Leadtrend Technology LD8116QGL Datasheet HTML 5Page - Leadtrend Technology LD8116QGL Datasheet HTML 6Page - Leadtrend Technology LD8116QGL Datasheet HTML 7Page - Leadtrend Technology LD8116QGL Datasheet HTML 8Page - Leadtrend Technology LD8116QGL Datasheet HTML 9Page - Leadtrend Technology LD8116QGL Datasheet HTML 10Page - Leadtrend Technology LD8116QGL Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LD8116Q
08/04/2020
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116Q-DS-00 August 2020
Application Information
Operation Overview
The LD8116Q is an excellent 3 in 1 dimming controller
for LED lighting applications. It integrates more
functions to reduce the external components counts and
the size. Its major features are described as below.
The LD8116Q convert input DC potential or PWM signal
into PWM output. The output of LD8116Q is an
open-drain configuration which can pull down any
source directly to control power supply dimming. The
DIM pin of LD8116Q provides an adjustable bias current
for potentiometer. So LD8116Q can satisfy with active
and passive dimmers both. It also can be used in
isolation application with opto-coupler.
Startup
and
Under
Voltage
Lockout
(UVLO)
An UVLO comparator is embedded to detect the voltage
on the VCC pin to ensure the supply voltage enough to
power on the LD8116Q. The turn on and turn off
threshold voltage is fixed at 7V and 6V. When the
voltage of VCC pin is above 6V, the LD8116Q output
PWM which is basing on input DC potential, PWM single
or potentiometer.
Bias Current of DIM Pin
ISET pin of LD8116Q is used to set bias current source
of DIM pin by a resistor (= RISET) on ISET pin which is
connected to GND. For the typical application, the
output bias current of DIM pin is 100μA when RISET is
100k ohm and 150μA when RISET is 66.5k ohm. The
relationship between resistor and output bias current is:
IDIM=
2.5V
R
× K
Where, KDIM is a coefficient of current ratio of IDIM per
ISET. The resistance range of RISET is recommend from
33k to 330k ohm and the range of bias current is
approach to 30μA ~ 300μA.
Dimming Performance
0~10V Potential Dimming
When the input signal of DIM pin is DC potential,
LD8116Q will transfer to PWM signal output at OUT pin.
The frequency of output PWM on OUT pin is 1.5kHz
around. The range of typical dimming curve is from 1.5V
to 8.6V, which has the corresponding duty cycle from
9.5% to 100%. When DC input on DIM pin is under 1.5V,
the output duty cycles on OUT pin is clamp at ~10%
around.
PWM Dimming (Leadtrend‘s patent)
During PWM signal input on the DIM pin, the output of
LD8116Q OUT pin is PWM, too. And the output
frequency is the same as 0-10V potential or
potentiometer dimming mode. The input amplitude of
PWM signal has to be higher than 3.2V and lower than
1.2V on DIM pin. Besides, recommend PWM frequency
range is from 500Hz to 10kHz and 1%~99% operation
range. ICs PWM rising slew rate of DIM pin is faster
than 3 V/μs through 1.2V to 3.2V and continuous 4
cycles, only in this way the PWM dimming mode can
operate. Then detection of high and low voltage level on
1.8V and through LPF pin filter from PWM to DC then
compare internal triangular wave. So, output duty cycle
approaches input PWM duty. Once it enters PWM
dimming mode, dimming mode will be kept until VCC is
reset by UVLO_off. The below is suggestion for filter
capacitor on LPF pin.
PWM signal frequency (Hz)
Suggestion CLPF (nF)
500~3k
220
3k~10k
100
Potentiometer Dimming
When DIM pin has connected a potentiometer to GND,
bias current source of DIM pin is pass thought this
potentiometer then cause a DC voltage potential on DIM
pin, LD8116Q will transfer to PWM signal output on



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com