Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8526GL Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD8526GL
Description  Synchronous Rectification Driver with Green Mode Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526GL Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD8526GL Datasheet HTML 5Page - Leadtrend Technology LD8526GL Datasheet HTML 6Page - Leadtrend Technology LD8526GL Datasheet HTML 7Page - Leadtrend Technology LD8526GL Datasheet HTML 8Page - Leadtrend Technology LD8526GL Datasheet HTML 9Page - Leadtrend Technology LD8526GL Datasheet HTML 10Page - Leadtrend Technology LD8526GL Datasheet HTML 11Page - Leadtrend Technology LD8526GL Datasheet HTML 12Page - Leadtrend Technology LD8526GL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LD8526
08/31/2018
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526-DS-00 August 2018
Package Information
SOT-26
Symbol
Dimension in Millimeters
Dimensions in Inches
Min
Max
Min
Max
A
2.692
3.099
0.106
0.122
B
1.397
1.803
0.055
0.071
C
-------
1.450
-------
0.057
D
0.300
0.500
0.012
0.020
F
0.95 TYP
0.037 TYP
H
0.080
0.254
0.003
0.010
I
0.050
0.150
0.002
0.006
J
2.600
3.000
0.102
0.118
M
0.300
0.600
0.012
0.024
θ
0°
10°
0°
10°
Important Notice
Leadtrend Technology Corp. reserves the right to make changes or corrections to its products at any time without notice. Customers should
verify the datasheets are current and complete before placing order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com