Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8526SGL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD8526SGL
Description  Synchronous Rectification Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526SGL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD8526SGL Datasheet HTML 2Page - Leadtrend Technology LD8526SGL Datasheet HTML 3Page - Leadtrend Technology LD8526SGL Datasheet HTML 4Page - Leadtrend Technology LD8526SGL Datasheet HTML 5Page - Leadtrend Technology LD8526SGL Datasheet HTML 6Page - Leadtrend Technology LD8526SGL Datasheet HTML 7Page - Leadtrend Technology LD8526SGL Datasheet HTML 8Page - Leadtrend Technology LD8526SGL Datasheet HTML 9Page - Leadtrend Technology LD8526SGL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LD8526S
01/03/2020
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526S-DS-00 January 2020
Electrical Characteristics
(TA = +25oC unless otherwise stated, HVR=30V)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
HVR (HVR pin)
HVR charge current
HVR=30V, VCC=3.5V
ICHG_HVR1
20
35
50
mA
HVR=12V, VCC=3.5V
ICHG_HVR2
10
20
30
mA
Leakage current
VHVR=200V
IHVR_LK
50
µA
Supply Voltage (VCC Pin)
UVLO (on)
VCC_ON
2.8
3
3.2
V
UVLO (off)
VCC_OFF
2.8
V
UVLO Hysteresis
VCC_HYS
0.2
V
VCC Operating Voltage
HVR=30V
VVCC_H1
4.5
5.8
6.8
V
Operating Current
Vcc=5V, DET=65kHz,
4.7nF on GATE pin
IVCC_OP1
2.2
3
mA
UVLO_OFF mode
VCC=2.5V
IVCC_OFF
350
µA
Detection Reference (DET Pin)
Turn-on voltage
VDET_ON
-400
-300
-150
mV
Turn-off voltage
(3)
VDET_OFF
10
20
30
mV
Turn-off
compensation
current
IDET_OFF
85
100
115
µA
Leakage current
VDET=200V
IDET_LK
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com