Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD9535 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD9535
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD9535 Datasheet HTML 1Page - Leadtrend Technology LD9535 Datasheet HTML 2Page - Leadtrend Technology LD9535 Datasheet HTML 3Page - Leadtrend Technology LD9535 Datasheet HTML 4Page - Leadtrend Technology LD9535 Datasheet HTML 5Page - Leadtrend Technology LD9535 Datasheet HTML 6Page - Leadtrend Technology LD9535 Datasheet HTML 7Page - Leadtrend Technology LD9535 Datasheet HTML 8Page - Leadtrend Technology LD9535 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD9535
01/08/2019
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535-DS-00 January 2019
Multi-Mode PWM Controller of Flyback with
MOSFET Integrated
REV.00
General Description
The LD9535 is built in a multi-mode PWM controller and
integrated a 650V MOSFET. The multi-mode PWM
controller which consists of Quasi-Resonant (QR) PWM
control for light load condition and Continue Conduction
Mode (CCM) for heavy load condition. Moreover, the
QR controller not only gains the system performance,
but also brings the worse EMI capability, while the
frequency swapping function of LD9535 can reduce the
EMI emission of SMPS and helps the power circuit
designers to simply deal with EMI filter and saves
several component and developing time.
The LD9535 is implemented in DIP-8 package, and
includes the comprehensive protection function, such as
Over Load Protection (OLP), Over Voltage Protection
(OVP), Output Short Circuit Protection (OSCP) and
internal Over Temperature Protection (OTP).
Features
 Secondary-side feedback control with
quasi-resonant + CCM operation
 Built-in 650V MOSFET Switch
 Low Startup Current (<1
A)
 Ultra-low operating current at light load
 Current Mode Control with Cycle-by-Cycle Current
Limit
 Green Mode Control
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 VCC OVP (Over Voltage Protection)
 Adj. OVP (Over Voltage Protection) on FB pin.
 Adj. UVP (Under Voltage Protection) on FB pin.
 OLP (Over Load Protection)
 Internal OTP (Over Temperature Protection)
Applications
 Switching AC/DC Adaptor
Typical Application
FB
Drain
CS
VCC
GND
COMP
photocoupler
AC
input
DC
Output
photocoupler
LD9535
EMI
Filter


Similar Part No. - LD9535

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9535C LEADTREND-LD9535C Datasheet
1Mb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535CGN LEADTREND-LD9535CGN Datasheet
1Mb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535CGS LEADTREND-LD9535CGS Datasheet
1Mb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535T LEADTREND-LD9535T Datasheet
583Kb / 16P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535TGN LEADTREND-LD9535TGN Datasheet
583Kb / 16P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results

Similar Description - LD9535

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
Green mode PFC/Flyback-PWM Controller
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
Burst Triple Mode PWM Flyback Controller
logo
Leadtrend Technology
LD5525 LEADTREND-LD5525 Datasheet
734Kb / 16P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Protection
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
Green mode PWM Flyback Controller
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
Green mode PWM Flyback Controller with External Over
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
Green mode PWM Flyback Controller with External Over
logo
Diodes Incorporated
AP3304 DIODES-AP3304 Datasheet
684Kb / 12P
MULTI-MODE PWM CONTROLLER
Rev. 4 - 2 October 2021
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
Burst Triple Mode PWM Flyback Controller
March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com