Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2203 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX2203
Description  Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2203 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX2203 Datasheet HTML 3Page - Microsemi Corporation LX2203 Datasheet HTML 4Page - Microsemi Corporation LX2203 Datasheet HTML 5Page - Microsemi Corporation LX2203 Datasheet HTML 6Page - Microsemi Corporation LX2203 Datasheet HTML 7Page - Microsemi Corporation LX2203 Datasheet HTML 8Page - Microsemi Corporation LX2203 Datasheet HTML 9Page - Microsemi Corporation LX2203 Datasheet HTML 10Page - Microsemi Corporation LX2203 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LX2203
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2004
Rev. 1.0a, 2005-08-10
Li-Ion Battery Charger
TM
®
APPLICATION NOTE (CONTINU E D)
CONSTANT
CHARGE
CURRENT
PROGRAMMING
(CONTINUED)
The table below lists some popular Constant Current
Settings along with the associated CCP pin current and
programming resistor:
Charge Current
Iccp Current
Rccp Value
1.0A
13.75µA
90.9K
500mA
6.22µA
200K
100mA
1.00µA
1200K
It is possible to change the constant current setting by
changing the Rccp resistor while in charge mode. Since the
termination current is independent of the charge current,
lowering the constant charge current will increase the charge
time, but will not reduce the stored charge in the battery at
the charge termination point.
The circuit in Figure 4 is an example of a battery charger
configured to charge at 1A, 500mA or 100mA. The switches
are logically controlled and reduce the resistance at the CCP
pin when switched in. It is possible to eliminate the
MOSFET devices if open drain logic is available.
The logic for the CP1 and CP2 would normally come
from the appliance processor which would need to have the
capability to communicate over the USB interface. If there
is only one power connector and the USB interface is active,
the logic could assume the power was coming from the USB
bus and not the wall adapter. If the USB interface is active,
the USB application will know if the appliance has been
enumerated as a high or low load and would set CP1 and
CP2 appropriately.
It is possible to change the current programming circuit to
drive it directly with CMOS logic, but this requires that the
CMOS logic power supply be well regulated (+/-2%). Each
switch resistor leg in Figure 4 can be replaced with a two
resistor network tied to the output of a CMOS gate.
1.21M
R1
CCP
R2
Vcc
500mA/100mA
1.21M
243k
CCP
500mA/100mA
Rsw
Figure 6 – Circuits to provide 100mA and 500mA
constant charge currents.
The values of R1 and R2 are selected such that:
25
.
1
R
R
R
V
2
1
2
CC
=
+
×
&
SW
2
1
2
1
R
R
R
R
R
=
+
×
Solving these equations:
25
.
1
R
V
R
SW
CC
1
×
=
&
SW
1
SW
1
2
R
R
R
R
R
−
×
=
For Vcc = 3.3V and Rsw = 243k; R1 = 649k; R2 = 392k.
These values should provide charge currents of 100mA and
500mA
.
COMPENSATION CAPACITOR
A compensation capacitor of value 0.01uF is required
between the CMP pin and VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com