Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4566 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4566
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4566 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4566 Datasheet HTML 3Page - NXP Semiconductors TDA4566 Datasheet HTML 4Page - NXP Semiconductors TDA4566 Datasheet HTML 5Page - NXP Semiconductors TDA4566 Datasheet HTML 6Page - NXP Semiconductors TDA4566 Datasheet HTML 7Page - NXP Semiconductors TDA4566 Datasheet HTML 8Page - NXP Semiconductors TDA4566 Datasheet HTML 9Page - NXP Semiconductors TDA4566 Datasheet HTML 10Page - NXP Semiconductors TDA4566 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
March 1991
8
Philips Semiconductors
Preliminary specification
Colour transient improvement circuit
TDA4566
Notes
1. Output signal transient time measured with C6-18 =C9-18 = 220 pF without resistor (see Fig. 3).
2. Output current measured with emitter follower with constant current source of 0.6 mA.
3. R14-18 influences the bandwidth; a value of 1.2 kΩ results in a bandwidth of 5 MHz (typ.).
4. Delay time is proportional to resistor R14-18. Devices with suffix “A” require the value of the resistor to be 1.15 kΩ;
a 27 k
Ω; resistor connected in parallel with R14-18 = 1.2 kΩ.;
5. Frequency response measured with V15-18 = 9.5 V and switch S1 open.
Frequency response at
5 MHz referred to 0.5 MHz
note 5
pin 11
−3.0
−
2.0
dB
pin 12
−3.0
−
2.0
dB
DC output voltage
pin 11
V11-18
1.8
2.3
2.6
V
pin 12
V12-18
9.8
10.3
10.8
V
Output current
note 2
source
I11, 12
−−
0.4
mA
sink
−I
11, 12
−−
1.0
mA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
V
11 (5 MHz)
V
11 (0.5 MHz)
-------------------------------------
V
12 (5 MHz)
V
12 (0.5 MHz)
-------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com