Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5261 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5261
Description  27-Line LVD SCSI Source/Sink Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5261 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5261 Datasheet HTML 1Page - Microsemi Corporation LX5261 Datasheet HTML 2Page - Microsemi Corporation LX5261 Datasheet HTML 3Page - Microsemi Corporation LX5261 Datasheet HTML 4Page - Microsemi Corporation LX5261 Datasheet HTML 5Page - Microsemi Corporation LX5261 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.0c, 2005-02-08
LX5261
27-Line LVD SCSI Source/Sink Regulator
PRODUCTION DATASHEET
TM
®
BLOCK DI AGRAM
+
-
6
7
3
VTERM
1.3V
Reference
+
-
1.75V
Reference
+
-
0.75V
Reference
1.3V +/- 0.1V
1.75V +/- 0.05V
200mA source/sink
0.75V +/- 0.05V
200mA source/sink
2
4
GND
DIFSENS
VOUT1
VOUT2
Figure 1 – LX5261 Block Diagram
APPLI CATI ON I N FORMATI O N
LVD SCSI with Resistor Stack
The LX5261 is used with a LVD resistor network (475Ω, 121Ω, 475Ω) to meet LVD SCSI performance. Connecting the top side of the
LVD resistor network to the 1.75V regulated output (VREG1, pin 6), and the bottom side of the LVD resistor network to the 0.75 regulated
output (VREG2, pin 3) provides the correct bias voltage, differential impedance, common mode differential impedance, and common mode
voltage required by the SPI-2 through SPI-4 SCSI specification (see Figure 2. below). The LX5261 is designed to drive up to 27 LVD
pairs.
6
3
+
-
+
-
1.75V +/- 0.05V
200mA source/sink
0.75V +/- 0.05V
200mA source/sink
VOUT1
VOUT2
475
1%
475
1%
121
1%
Ln-
Ln+
1 of 27
LVD Pairs
4.7uF
4.7uF
27
27
Common Mode Impedance
Differential Bias Voltage
Common Mode Voltage
Differential Impedance
112.9
107.3
237
1.25
100 to 110
100 to 125
100 to 300
1.2 to 1.3
Parameter
LX5261
SCSI Standard
Units
ohm
mV
V
ohm
Figure 2 – LX5261 with LVD Resistor Stack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com