Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5252CDB Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5252CDB
Description  9-Line Multimode SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5252CDB Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5252CDB Datasheet HTML 1Page - Microsemi Corporation LX5252CDB Datasheet HTML 2Page - Microsemi Corporation LX5252CDB Datasheet HTML 3Page - Microsemi Corporation LX5252CDB Datasheet HTML 4Page - Microsemi Corporation LX5252CDB Datasheet HTML 5Page - Microsemi Corporation LX5252CDB Datasheet HTML 6Page - Microsemi Corporation LX5252CDB Datasheet HTML 7Page - Microsemi Corporation LX5252CDB Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2002
Rev. 1.2b, 2005-08-29
LX5250/5252
9-Line Multimode SCSI Terminator
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Term Power (VTERM) .........................................................................................-0.3V to 7V
Operating Junction Temperature ................................................................................150
°C
Storage Temperature Range………………………………………………..-65
°C to 150°C
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 second maximum exposure)................................................................... 260°C (+0, -5)
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
DB
36 Pin QSOP
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
53.9°C/W
PW
28 Pin TSSOP
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
100°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
θ
JA can vary significantly
depending on mounting technique. (See Application Notes Section: Thermal
considerations)
MASTER/SLAVE FUNCTION TABLE
Master/Slave
DIFFSENSE Status
L*
HI Z
0mA
H
1.3V
10mA Source
Open (Pull-Up)
1.3V
10mA Source
* When in Low state, terminator will sense state of DIFFSENSE line.
PACKAGE PIN OUT
2
3
4
5
6
7
8
9
10
11
12
13
14
1
27
26
25
24
23
22
21
20
19
29
17
16
15
28
1+
1-
2+
2-
HEATSINK
HEATSINK
NC
3+
3-
4+
4-
V
TERM
HVD
LVD
SE
9-
9+
8-
8+
HEATSINK
HEATSINK
HEATSINK
7-
7+
6-
18
35
34
33
32
31
30
36
NC
NC
HEATSINK
5+
5-
DISCONNECT
GND
6+
DIFFB
DIFFSENSE
M/Sb
LX5250/5252
DB PACKAGE
(Top View)
N/C = Not internally connected
NC
2
3
4
5
6
7
8
9
10
11
12
13
14
1
27
26
25
24
23
22
21
20
19
18
17
16
15
28
1+
1-
2+
2-
NC
3+
3-
4+
4-
5+
5-
DISCONNECT
GND
V
TERM
NC
9-
9+
8-
8+
NC
7-
7+
6-
6+
DIFFB
DIFFSENSE
M/Sb
LX5250 ONLY
PW PACKAGE
(Top View)
N/C = Not internally connected
RoHS / Pb-free 100% Matte Tin Lead Finish
DIFFSENSE/POWER UP/POWER DOWN FUNCTION TABLE
Outputs
LX5250
DISCONNECT
LX5252
DISCONNECT
DIFFSENSE
Status
Type
Quiescent
Current
L
H
< 0.5V
Enable
SE
55mA
L
H
0.7V – 1.9V
Enable
LVD
35mA
L
H
> 2.4V
Disable
HI-Z
8mA
H or Open
L or Open
X
Disable
HI-Z
10µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com