Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVD111 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLVD111
Description  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLVD111_07 Datasheet HTML 11Page - STMicroelectronics STLVD111_07 Datasheet HTML 12Page - STMicroelectronics STLVD111_07 Datasheet HTML 13Page - STMicroelectronics STLVD111_07 Datasheet HTML 14Page - STMicroelectronics STLVD111_07 Datasheet HTML 15Page - STMicroelectronics STLVD111_07 Datasheet HTML 16Page - STMicroelectronics STLVD111_07 Datasheet HTML 17Page - STMicroelectronics STLVD111_07 Datasheet HTML 18Page - STMicroelectronics STLVD111_07 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
STLVD111
16/19
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.30
0.37
0.45
0.012
0.015
0.018
C
0.09
0.20
0.0035
0.0079
D
9.00
0.354
D1
7.00
0.276
D3
5.60
0.220
e
0.80
0.031
E
9.00
0.354
E1
7.00
0.276
E3
5.60
0.220
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0°
3.5°7°
0°3.5°7°
TQFP32 MECHANICAL DATA
0060661/C
A
A2
A1
Seating Plane
C
8
9
16
17
24
25
32
D3
D1
D
e
1
K
TQFP32
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com