Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2378EBJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2378EBJR
Description  8-bit dual supply 1.71V to 5.5V level translator with I/O VCC15KV ESD protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2378EBJR Datasheet(HTML) 5 Page - STMicroelectronics

  ST2378EBJR Datasheet HTML 1Page - STMicroelectronics ST2378EBJR Datasheet HTML 2Page - STMicroelectronics ST2378EBJR Datasheet HTML 3Page - STMicroelectronics ST2378EBJR Datasheet HTML 4Page - STMicroelectronics ST2378EBJR Datasheet HTML 5Page - STMicroelectronics ST2378EBJR Datasheet HTML 6Page - STMicroelectronics ST2378EBJR Datasheet HTML 7Page - STMicroelectronics ST2378EBJR Datasheet HTML 8Page - STMicroelectronics ST2378EBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST2378E
Electrical data
5/22
3
Electrical data
3.1
Maximum ratings
Table 2. Absolute maximum rating
Symbol
Parameter
Value
Unit
VL
Supply Voltage
-0.3 to VCC
V
VCC
Supply Voltage
-0.3 to +7.0
V
VOE
DC Control Input Voltage
-0.3 to +7.0
V
VI/OVL
DC I/OVL Input Voltage (OE = Gnd or VL)-0.3 to VL + 0.3
V
VI/OVCC DC I/OVCC Input Voltage (OE = Gnd or VL)
-0.3 to VCC + 0.3
V
IIK
DC Input Diode Current (OE Control Pin)
− 20
mA
IIOVL
DC Output Current
± 25
mA
IIOVCC
DC Output Current
± 25
mA
ISCTOUT
Short Circuit Duration I/OVL, I/OVCC Driven from 40mA
Source
Continuous
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation (1)
1.
500mW:
65°C derated to 300mW by 10mW/°C: 65°C to 85°C
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com