Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW18NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW18NK80Z
Description  N-channel 800V - 0.34Ω - 19A - TO-247 Zener-protected SuperMESH™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW18NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW18NK80Z Datasheet HTML 1Page - STMicroelectronics STW18NK80Z Datasheet HTML 2Page - STMicroelectronics STW18NK80Z Datasheet HTML 3Page - STMicroelectronics STW18NK80Z Datasheet HTML 4Page - STMicroelectronics STW18NK80Z Datasheet HTML 5Page - STMicroelectronics STW18NK80Z Datasheet HTML 6Page - STMicroelectronics STW18NK80Z Datasheet HTML 7Page - STMicroelectronics STW18NK80Z Datasheet HTML 8Page - STMicroelectronics STW18NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STW18NK80Z
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
800
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
19
A
ID
Drain current (continuous) at TC = 100°C
12
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
76
A
Ptot
Total dissipation at TC = 25°C
350
W
Derating Factor
2.4
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
6000
V
dv/dt(2)
2.
ISD ≤19A, di/dt ≤300A/µs, VDD ≤VDD < 800V, Tj ≤TJMAX
Peak diode recovery voltage slope
4.5
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
0.36
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
°C/W
TJ
Maximum lead temperature for soldering purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
19
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
700
mJ
Table 4.
Gate-source zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1mA (open drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com