Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79M535 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79M535
Description  Metering Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79M535 Datasheet HTML 5Page - Advanced Micro Devices AM79M535 Datasheet HTML 6Page - Advanced Micro Devices AM79M535 Datasheet HTML 7Page - Advanced Micro Devices AM79M535 Datasheet HTML 8Page - Advanced Micro Devices AM79M535 Datasheet HTML 9Page - Advanced Micro Devices AM79M535 Datasheet HTML 10Page - Advanced Micro Devices AM79M535 Datasheet HTML 11Page - Advanced Micro Devices AM79M535 Datasheet HTML 12Page - Advanced Micro Devices AM79M535 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SLIC Products
9
RELAY DRIVER SCHEMATIC
Logic Output (DET)
Output Low voltage
IOUT = 0.8 mA
0.40
V
Output High voltage
IOUT = –0.1 mA
2.4
Relay Driver Outputs (RINGOUT)
On voltage
50 mA source
BGND
–2
BGND
–0.95
V
Off leakage
0.5
100
µA
Clamp voltage
50 mA sink
QBAT
–2
V
SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Conditions
Temperatures
Ranges
Min
Typ
Max
Unit
Note
tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-Key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
1.1
1.6
µs
4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1) Switchhook Detect state
RL = 600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
1.2
1.7
3.8
4.0
tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
RINGOUT
QBAT
BGND
16856B-002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com