Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XYM Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # XYM
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

XYM Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  XYM Datasheet HTML 1Page - RUBYCON CORPORATION XYM Datasheet HTML 2Page - RUBYCON CORPORATION XYM Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXM
SERIES
YXM
SPECIFICATIONS
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tan )
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
25
105ûC
10 100V.DC
20%(20ûC,120Hz)
I=0.01CV or 3 A whichever is greater.
(After 2 minutes)
I=Leakage Current(A)
C=Rated Capacitance(F)
V=Rated Voltage(V)
Rated Voltage
(V)
tan
0.45 0.35
10
0.30
16
0.22
25
0.19
35
0.17
50
0.15
63 100
Leakage Current
Dissipation Factor
Capacitance Change
Within
25% of the initial value.
Not more than 300% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 10000 hrs at 105ûC, the capacitors shall meet the following requirements.
(20ûC,120Hz)
(120Hz)
Load Life : 105ûC 10,000 hours. Miniaturized.
FEATURES
¥ Miniaturized Long Life.
¥ RoHS compliance.
Rated Voltage
(V)
Z( 25ûC)/Z(20ûC)
86
10
4
16
4
25
3
35
3
50
3
63 100
PART NUMBER
Rated Voltage
YXM
Series
Option
Lead Forming
DL
Case Size
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
120
1k
10k
100k
0.55
0.75
0.90
1.00
22 33 F
0.42
0.60
0.80
1.00
0.47 10 F
0.70
0.85
0.95
1.00
47 330 F


Similar Description - XYM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com