Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4663 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4663
Description  Baseband delay line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4663 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4663 Datasheet HTML 1Page - NXP Semiconductors TDA4663 Datasheet HTML 2Page - NXP Semiconductors TDA4663 Datasheet HTML 3Page - NXP Semiconductors TDA4663 Datasheet HTML 4Page - NXP Semiconductors TDA4663 Datasheet HTML 5Page - NXP Semiconductors TDA4663 Datasheet HTML 6Page - NXP Semiconductors TDA4663 Datasheet HTML 7Page - NXP Semiconductors TDA4663 Datasheet HTML 8Page - NXP Semiconductors TDA4663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 Nov 22
5
Philips Semiconductors
Product specification
Baseband delay line
TDA4663T
CHARACTERISTICS
VP = 5.0 V; input signals as specified in characteristics with 75% colour bars;
super-sandcastle frequency of 15.625 kHz; Tamb =25 °C; measurements taken in Fig.3; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
analog supply voltage (pin 9)
4.75
5
5.25
V
VP2
digital supply voltage (pin 1)
4.75
5
5.25
V
IP1
supply current
−
5.1
5.9
mA
IP2
supply current
−
0.8
1.1
mA
Colour-difference input signals
Vi(p-p)
input signal (peak-to-peak value)
pin 16
−
1.3
−
V
pin 14
−
1.3
−
V
Vi(max)(p-p)
maximum symmetrical input signal
(peak-to-peak value)
pin 16
before clipping
1.6
−−
V
pin 14
before clipping
1.6
−−
V
I14, 16
input leakage current
(during picture content)
0.06
0.085
0.1
µA
R14, 16
input resistance during clamping
−−
40
k
Ω
C14, 16
input capacitance
−−
10
pF
V14, 16
input clamping voltage
proportional to VP
1.3
1.5
1.7
V
Colour-difference output signals
Vo(p-p)
output signal (peak-to-peak value)
pin 11
−
1.3
−
V
pin 12
−
1.3
−
V
V11/V12
ratio of output amplitudes at equal
input signals
Vi14, 16 = 665 mV (p-p) −0.4
0
+0.4
dB
V11, 12
DC output voltage
proportional to VP
2.5
2.9
3.3
V
R11, 12
output resistance
−
300
400
Ω
Gv
voltage gain
−1
0
+1
dB
Vn(rms)
noise voltage
(RMS value; pins 11 and 12)
Vi14, 16 = 0 V; note 1
−−
1.2
mV
S/N(W)
weighted signal-to-noise ratio
(pins 11 and 12)
Vo = 1 V (p-p); note 1
−
54
−
dB
tj
jitter of output signal to external
sandcastle reference V5
−−
20
ns
αct(11, 12)
crosstalk between channels
V14 =0V; RS = 300 Ω;
V11 = 1.35 V (p-p)
30
−−
dB
α
ct(12, 11)
crosstalk between channels
V16 =0V; RS = 300 Ω;
V12 = 1.35 V (p-p)
30
−−
dB
αct(14, 12)
crosstalk direct from input to output
signal
V16 =0V; RS = 300 Ω;
V14 = 1.35 V (p-p)
30
−−
dB
V
o
V
i
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com