Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4672 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4672
Description  Picture Signal Improvement PSI circuit with enhanced peaking function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4672 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4672 Datasheet HTML 1Page - NXP Semiconductors TDA4672 Datasheet HTML 2Page - NXP Semiconductors TDA4672 Datasheet HTML 3Page - NXP Semiconductors TDA4672 Datasheet HTML 4Page - NXP Semiconductors TDA4672 Datasheet HTML 5Page - NXP Semiconductors TDA4672 Datasheet HTML 6Page - NXP Semiconductors TDA4672 Datasheet HTML 7Page - NXP Semiconductors TDA4672 Datasheet HTML 8Page - NXP Semiconductors TDA4672 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Dec 11
2
Philips Semiconductors
Product specification
Picture Signal Improvement (PSI) circuit
with enhanced peaking function
TDA4672
FEATURES
• Luminance signal delay from 20 ns to 1100 ns
(minimum step 45 ns)
• Selectable luminance signal peaking with symmetrical
overshoots
• Selectable 2.6 or 5 MHz peaking centre frequency and
degree of peaking from
−6 dB to +9 dB in 16 steps of
1 dB each
• Selectable noise reduction by coring
• Selectable 5 or 12 V sandcastle input voltage
• All controls selected via the I2C-bus
• Timing pulse generation for clamping and delay time
control synchronized by sandcastle pulse
• Automatic luminance signal delay correction using a
control loop
• Luminance input signal clamping with coupling capacitor
• 4.5 to +8.8 V supply voltage
• Minimum of external components.
GENERAL DESCRIPTION
The TDA4672 delays the luminance signal. The luminance
signal can also be improved by peaking and noise
reduction (coring).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 1)
4.5
5
8.8
V
IP(tot)
total supply current
26
37
46
mA
td(Y)
Y signal delay time
20
−
1130
ns
Vi(Y)(p-p)
composite Y input signal (peak-to-peak value, pin 16)
−
450
640
mV
GY
voltage gain of Y channel
−−1
−
dB
Tamb
operating ambient temperature
0
−
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4672
DIP18
plastic dual in-line package; 18 leads (300 mil)
SOT102-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com