Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDL2011 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDL2011
Description  ESD Protection Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2011 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDL2011 Datasheet HTML 1Page - ON Semiconductor ESDL2011 Datasheet HTML 2Page - ON Semiconductor ESDL2011 Datasheet HTML 3Page - ON Semiconductor ESDL2011 Datasheet HTML 4Page - ON Semiconductor ESDL2011 Datasheet HTML 5Page - ON Semiconductor ESDL2011 Datasheet HTML 6Page - ON Semiconductor ESDL2011 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDL2011
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. IV Characteristics
VR (V)
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
−1.5
−1
−0.5
0
0.5
1
Figure 4. Insertion Loss
Figure 5. Typical Capacitance over Frequency
FREQUENCY (Hz)
0
0.1
0.2
0.3
0.4
0.5
1.0
0.E+00
5.E+09
1.E+10
3.E+10
1.5
FREQUENCY (Hz)
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
1.E+07
1.E+08
1.E+09
1.E+10
−0.1
0
Figure 6. Positive 200 ns TLP IV Curve
VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
02
4 5 6
9
Figure 7. Negative 200 ns TLP IV Curve
VOLTAGE (V)
13
7 8
2.E+10
0.6
0.7
0.8
0.9
1.E−14
1.E−13
1.E−12
10
11
12
10 11
14
12 13
0
−1
−2
−3
−4
−5
−6
−7
−8
−9
0
−2
−4 −5 −6
−9
−1
−3
−7 −8
−10
−11
−12
−10−11
−14
−12−13
13
14
15
16
16
15
−13
−14
−15
−16
−16
−15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com