| Electronic Components Datasheet Search |
|
ADIN1110BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN1110BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 107 page ![]() Data Sheet ADIN1110 ON-CHIP DIAGNOSTICS analog.com Rev. B | 25 of 107 likely to introduce a signal delay that corresponds to a couple of meters in length. This calibration is not required to run the fault detector, and an average value is provided by default. However, it is recommended for short cables if accuracy is required. If this calibration is required, it can be done once in the lab for a specific MDI circuit implementa- tion, and the offset value can then be stored in nonvolatile memory for future use. To perform this calibration, the MDI port must be left open or shorted. No load or cable can be connected to the MDI port. Cable Calibration By default, the algorithm is optimized to support long reach cables compliant with the IEEE 802.3cg standard. However, given the wide variety of cable types, which have different insertion loss, return loss, and signal delay characteristics, the library includes a calibration function that optimizes the algorithm to operate with any cable, and estimates its nominal velocity of propagation (NVP) for more accurate length estimations. The length accuracy mainly depends on the accuracy of the NVP value. To run this calibration, a cable with a known length must be attach- ed to the MDI port, and its end must be left open or shorted. NVP values are generally between 0.5 and 0.9 and are a property of the construction of the cable. In general, an average NVP value of approximately 0.65 can be assumed. This calibration is not required to run the fault detector, unless higher length accuracy is needed or if nonstandard cables are utilized. This calibration can be done once in the laboratory for a given cable, and the values can be stored in nonvolatile memory. Refer to the C-code driver for more information related to the usage of these functions. Length/Distance to Fault Accuracy The accuracy of the distance to a fault, or length measurements, mainly depends on the NVP value, which is determined by the accuracy of the cable length used to perform the NVP calibration. Table 19 provides results for induced faults and distance-to-fault measurements for different cables and lengths. In all cases, the al- gorithm was successful finding the open or short conditions induced during the test. The NVP value for the Profibus PA cable used in this test was roughly estimated, and the same was used for the Cat5E and Cat6 cables. Table 19. Length Estimation Error for Different Cables Cable Type Estimated Length (m) Length Error (%) Note Fieldbus Type A - AWG 18 50.2 0.7 NVP calibrated Fieldbus Type A - AWG 18 102.1 2.1 NVP calibrated Fieldbus Type A - AWG 18 403.4 0.8 NVP calibrated Fieldbus Type A - AWG 18 807.6 0.8 NVP calibrated Fieldbus Type A - AWG 18 1045.3 1.0 NVP calibrated Fieldbus Type A - AWG 18 1462.9 2.0 NVP calibrated Cat5E 133.1 2.4 NVP not calibrated Cat5E 244.4 1.8 NVP not calibrated Cat6 73.6 5.1 NVP not calibrated Cat6 137.2 5.6 NVP not calibrated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |