Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
Data Sheet
ADIN1110
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 22 of 107
LOOPBACK MODES
The PHY core within the MAC-PHY provides the following loopback
modes:
►
Physical medium attachment (PMA) loopback
►
Physical coding sublayer (PCS) loopback
►
MAC interface loopback
►
MAC interface remote loopback
These loopback modes test and verify various functional blocks
within the PHY. The use of the built-in frame checker and frame
generator allows completely self contained in-circuit testing of the
digital and analog data paths within the PHY core. A loopback can
also be established that includes the MAC portion of the ADIN1110
(not limited to just the PHY core) by implementing the necessary
software within the host processor.
PMA Loopback
For PMA loopback, leave the MDI pins open circuit, thereby trans-
mitting into an unterminated connector or cable. For the most
accurate results, leave the cable disconnected. The PHY can
then operate by receiving the reflection from its own transmission.
This loopback is intended as an implementation of IEEE Standard
802.3cg Subclause 146.5.6 PMA local loopback.
Note that for 10BASE-T1L PMA local loopback, the device
must be configured in the forced link configuration mode (au-
tonegotiation disabled). Setting the B10L_LB_PMA_LOC_EN bit
(B10L_PMA_CNTRL register) enables PMA loopback.
PCS Loopback
PCS loopback mode loops the transmit data back to the receiver
within the PCS block at the input stage of the PHY digital block.
Setting the B10L_LB_PCS_EN bit (B10L_PCS_CNTRL register)
enables PCS loopback.
When the PCS loopback mode is enabled, no signal is transmitted
to the MDI pins.
MAC Interface Loopback
MAC interface loopback mode loops the data received on the MAC
interface back to the SPI host. Setting the MAC_IF_LB_EN bit
(MAC_IF_LOOPBACK register) enables MAC interface loopback.
If the MAC_IF_LB_TX_SUP_EN bit within the same register is set
(set by default), the transmission of the signal is suppressed to the
MDI pins.
MAC Interface Remote Loopback
MAC interface remote loopback requires a link up with a remote
PHY and enables looping of the data received from the remote
PHY back to the remote PHY. This linking allows a remote PHY to
verify a complete link by ensuring that the PHY receives the prop-
er data. Setting the MAC_IF_REM_LB_EN bit (MAC_IF_LOOP-
BACK register) enables MAC interface remote loopback. If the
MAC_IF_REM_LB_RX_SUP_EN bit within the same register is set
(set by default), the data received by the PHY is suppressed and
not sent to the MAC.
MAC Loopback
The MAC loopback loops the data received on the MAC transmit
channel back to the SPI host. The MAC loopback is enabled with
the P1_LOOP register.
Host Processor Loopback
Outside of the loopback modes associated with the PHY core within
the ADIN1110, the host processor can be used to create a full MAC
loopback. In a full MAC loopback, whatever frame is received from
the MAC is transmitted back to the MAC, as shown in Figure 11.
Figure 11. ADIN1110 Loopback Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com