| Electronic Components Datasheet Search |
|
ADIN2111BCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN2111BCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices |
|
31 / 129 page ![]() Data Sheet ADIN2111 ON-CHIP DIAGNOSTICS analog.com Rev. A | 31 of 129 FRAME GENERATOR AND CHECKER LINK TEST Using two ADIN2111 devices, the user can configure a convenient, self contained validation setup of the PHY to PHY connection. Figure 11 shows an overview of how each device is configured. An external cable is connected between both devices, and PHY 1 is generating frames using the frame generator. PHY 2 has MAC interface remote loopback mode enabled using the MAC interface loopbacks configuration register (MAC_IF_REM_LB_EN). See the following sequence for remote loopback used across two PHYs for self check purposes: 1. The ADIN2111-1 PHY 2 frames (frame generator) are sent over the 10BASE-T1L single pair cable. 2. The ADIN2111-2 PHY 1 receives frames on the MDI pins. 3. The ADIN2111-2 PHY 1 MAC interface loops the frame back. 4. The ADIN2111-2 PHY 1 frames (looped back) are sent over the 10BASE-T1L single pair cable. 5. ADIN2111-1 PHY 2 receives the ADIN2111-2 PHY 1 frames (looped back) on the MDI pins. 6. The ADIN2111-1 PHY 2 frame checker checks the received frames. ADIN2111-1 EXTERNAL CABLE MAC HOST PROCESSOR SPI MDI SCREW TERMINALS PORT 1 MAC INTERFACE PHY AFE Tx Rx FRAME CHECKER FRAME GENERATOR PHY DIGITAL PHY 1 MDI SCREW TERMINALS PORT 2 MAC INTERFACE PHY AFE Tx Rx FRAME CHECKER FRAME GENERATOR PHY DIGITAL PHY 2 ADIN2111-2 MAC HOST PROCESSOR SPI MDI SCREW TERMINALS PORT 1 MAC INTERFACE PHY AFE Tx Rx FRAME CHECKER FRAME GENERATOR PHY DIGITAL PHY 1 MDI SCREW TERMINALS PORT 2 MAC INTERFACE PHY AFE Tx Rx FRAME CHECKER FRAME GENERATOR PHY DIGITAL PHY 2 Figure 11. Remote Loopback Used Across Two PHYs for Self Check Purposes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |