Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIN2111CCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADIN2111CCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111CCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIN2111CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN2111CCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 129 page
background image
Data Sheet
ADIN2111
ON-CHIP DIAGNOSTICS
analog.com
Rev. A | 31 of 129
FRAME GENERATOR AND CHECKER LINK
TEST
Using two ADIN2111 devices, the user can configure a convenient,
self contained validation setup of the PHY to PHY connection.
Figure 11 shows an overview of how each device is configured.
An external cable is connected between both devices, and PHY 1
is generating frames using the frame generator. PHY 2 has MAC
interface remote loopback mode enabled using the MAC interface
loopbacks configuration register (MAC_IF_REM_LB_EN).
See the following sequence for remote loopback used across two
PHYs for self check purposes:
1. The ADIN2111-1 PHY 2 frames (frame generator) are sent over
the 10BASE-T1L single pair cable.
2. The ADIN2111-2 PHY 1 receives frames on the MDI pins.
3. The ADIN2111-2 PHY 1 MAC interface loops the frame back.
4. The ADIN2111-2 PHY 1 frames (looped back) are sent over the
10BASE-T1L single pair cable.
5. ADIN2111-1 PHY 2 receives the ADIN2111-2 PHY 1 frames
(looped back) on the MDI pins.
6. The ADIN2111-1 PHY 2 frame checker checks the received
frames.
ADIN2111-1
EXTERNAL
CABLE
MAC
HOST PROCESSOR
SPI
MDI
SCREW
TERMINALS
PORT 1
MAC
INTERFACE
PHY
AFE
Tx
Rx
FRAME
CHECKER
FRAME
GENERATOR
PHY
DIGITAL
PHY 1
MDI
SCREW
TERMINALS
PORT 2
MAC
INTERFACE
PHY
AFE
Tx
Rx
FRAME
CHECKER
FRAME
GENERATOR
PHY
DIGITAL
PHY 2
ADIN2111-2
MAC
HOST PROCESSOR
SPI
MDI
SCREW
TERMINALS
PORT 1
MAC
INTERFACE
PHY
AFE
Tx
Rx
FRAME
CHECKER
FRAME
GENERATOR
PHY
DIGITAL
PHY 1
MDI
SCREW
TERMINALS
PORT 2
MAC
INTERFACE
PHY
AFE
Tx
Rx
FRAME
CHECKER
FRAME
GENERATOR
PHY
DIGITAL
PHY 2
Figure 11. Remote Loopback Used Across Two PHYs for Self Check Purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com