Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMA2805D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMA2805D
Description  Radiation Tolerant DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMA2805D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMA2805D Datasheet HTML 1Page - List of Unclassifed Manufacturers AMA2805D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
At the time of printing, the devices described in this Advanced Product Description data sheet are in the development stage; therefore all
features and specifications are preliminary and subject to change before release in their final form.
LAMBDA ADVANCED ANALOG INC. λλλλ
ADVANCE PRODUCT DESCRIPTION
AMA2800 Series
Radiation Tolerant
DC/DC Converters
DESCRIPTION
FEATURES
The AMA2800 series of DC/DC converter modules
has been specifically designed for operation in
moderate radiation environments supplementing the
higher
radiation
performance
available
in
the
Lambda Advanced Analog ART2815T converter
series. Environments presented to space vehicles
operating in low earth orbits, launch boosters,
orbiting space stations and similar applications
requiring a low power, high performance converter
with moderate radiation hardness performance will
be optimally served by the AMA2800 series.
The physical configuration of the AMA2800 series
permits mounting directly to a heat conduction
surface without the necessity of signal leads
penetrating the heat sink surface.
This package
configuration
permits
greater
independence
in
mounting and more
mechanical
security than
traditional packages.
Lambda Advanced Analog’s
rugged ceramic seal pins are used exclusively in the
package thereby assuring long term hermeticity.
The AMA2800 has been designed for high density
using chip and wire hybrid technology that complies
with the intent of MIL-PRF-38534. Finished product
will be fabricated in a facility fully qualified to MIL-
PRF-38534. The standard processing adopted for
the AMA2805S is similar to the requirements of
MIL-PRF-38534 for class H, and includes element
evaluation. Applicable generic lot qualification test
data including radiation performance can be made
available on request.
Variations to the standard
screening can be accommodated. Consult Lambda
Advanced Analog for special requirements.
! 5 Watts Output Power
! Available with 5, 12 and 15 Volt Outputs
! Single and Dual Output Versions
! Nominal 28 Volt Input
! Total Ionizing Dose > 30KRad (Si)
! No SEE to LET > 60 MeV-cm
2/mg
! -55°C to +125°C Operating Range
! Full Load Fault Protection
! Flexible Mounting
! High Power Density
! All Elements Conservatively Derated
! Fully Isolated - Input to Output and to Case
! Complementary EMI Filter Available
Part Numbering
AMA 28 05 S
Model
Input Voltage
28 = 28V
Outputs
S = Single
D = Dual
Output Voltage
5 = 5V
12 = 12V
15 = 15V


Similar Part No. - AMA2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2805D IRF-AMA2805D Datasheet
248Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2805D/CH IRF-AMA2805D/CH Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/CH IRF-AMA2805D/CH Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITYRADIATION TOLERANTDC/DC CONVERTER
AMA2805D/EM IRF-AMA2805D/EM Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3L2815S IRF-M3L2815S Datasheet
88Kb / 11P
ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
AMF28XXD IRF-AMF28XXD Datasheet
69Kb / 7P
28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMA2803R3S IRF-AMA2803R3S Datasheet
64Kb / 7P
RADIATION TOLERANT DC/DC CONVERTERS
AMF2803R3S IRF-AMF2803R3S Datasheet
79Kb / 7P
ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMA28XXD IRF-AMA28XXD Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2815D IRF-AMA2815D Datasheet
134Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2815S IRF-AMF2815S Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3H2803R3S IRF-M3H2803R3S Datasheet
157Kb / 11P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2800D IRF-AMR2800D_15 Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2805S IRF-AMF2805S Datasheet
243Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com