Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL322522-R33M Datasheet(PDF) 1 Page - Bi technologies

Part # BCL322522-R33M
Description  1210 Industry Size Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL322522-R33M Datasheet(HTML) 1 Page - Bi technologies

  BCL322522-R33M Datasheet HTML 1Page - Bi technologies BCL322522-R33M Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Inductance Range
0.12µH to 120µH
• Standard Tolerance
±10%(<3.3µH = ±20%)
• Operating Temperature Range
-40°C to +105°C
• Ambient Temperature, Maximum
80°C
• Resistance to Solder Heat
260°C for 10 sec.
• Terminal Pull Strength, Minimum
0.5 kg
 
Electrical / Environmental
1210 Industry Size
Surface Mount Inductors
BCL322522-R12M
0.12±20%
30
25.2
500
0.22
450
BCL322522-R15M
0.15±20%
30
25.2
450
0.25
450
BCL322522-R18M
0.18±20%
30
25.2
400
0.28
450
BCL322522-R22M
0.22±20%
30
25.2
350
0.32
450
BCL322522-R27M
0.27±20%
30
25.2
320
0.36
450
BCL322522-R33M
0.33±20%
30
25.2
300
0.40
450
BCL322522-R39M
0.39±20%
30
25.2
250
0.45
450
BCL322522-R47M
0.47±20%
30
25.2
220
0.50
450
BCL322522-R56M
0.56±20%
30
25.2
180
0.55
450
BCL322522-R68M
0.68±20%
30
25.2
160
0.60
450
BCL322522-R82M
0.82±20%
30
25.2
140
0.65
450
BCL322522-1R0M
1.0±20%
30
7.96
120
0.70
400
BCL322522-1R2M
1.2±20%
30
7.96
100
0.75
390
BCL322522-1R5M
1.5±20%
30
7.96
85
0.85
370
BCL322522-1R8M
1.8±20%
30
7.96
80
0.90
350
BCL322522-2R2M
2.2±20%
30
7.96
75
1.00
320
BCL322522-2R7M
2.7±20%
30
7.96
70
1.10
290
BCL322522-3R3K
3.3±10%
30
7.96
60
1.20
260
BCL322522-3R9K
3.9±10%
30
7.96
55
1.30
250
BCL322522-4R7K
4.7±10%
30
7.96
50
1.50
220
BCL322522-5R6K
5.6±10%
30
7.96
47
1.60
200
BCL322522-6R8K
6.8±10%
30
7.96
43
1.80
180
BCL322522-8R2K
8.2±10%
30
7.96
40
2.00
170
BCL322522-100K
10.0±10%
30
2.52
36
2.10
150
BCL322522-120K
12.0±10%
30
2.52
33
2.50
140

15.0±10%
30
2.52
28
2.80
130
BCL322522-180K
18.0±10%
30
2.52
25
3.30
120
BCL322522-220K
22.0±10%
30
2.52
23
3.70
110
BCL322522-270K
27.0±10%
30
2.52
18
5.00
80
BCL322522-330K
33.0±10%
30
2.52
17
5.60
70
BCL322522-390K
39.0±10%
30
2.52
16
6.40
65
BCL322522-470K
47.0±10%
30
2.52
15
7.00
60
BCL322522-560K
56.0±10%
30
2.52
13
8.00
55
BCL322522-680K
68.0±10%
30
2.52
12
9.00
50
BCL322522-820K
82.0±10%
30
2.52
11
10.00
45
BCL322522-101K
100±10%
20
0.796
10
11.00
40
BCL322522-121K
120±10%
20
0.796
10
12.00
70
Specifications
Test
DC
Rated
Part
Inductance
Frequency
SRF
Resistance
Current
Number
µH
Q Min.
MHz
MHz Min.
Max
IDC mA
RoHS
Compliant
for
‘LF’ Models
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
70


Similar Part No. - BCL322522-R33M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BCL322520RT-100M-D PANASONIC-BCL322520RT-100M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-101M-D PANASONIC-BCL322520RT-101M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-150M-D PANASONIC-BCL322520RT-150M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-220M-D PANASONIC-BCL322520RT-220M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-2R2M-D PANASONIC-BCL322520RT-2R2M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
More results

Similar Description - BCL322522-R33M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
BCL565050 BITECH-BCL565050 Datasheet
224Kb / 2P
2220 Industry Size Surface Mount Inductors
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
IW3225R12M RFE-IW3225R12M Datasheet
63Kb / 1P
SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
logo
API Delevan
4302R API-4302R Datasheet
1Mb / 1P
Temperature Stable (1008 size) Surface Mount Inductors
logo
List of Unclassifed Man...
PM20-3R9K ETC2-PM20-3R9K Datasheet
36Kb / 1P
1210 Chip Inductors
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
SMT inductors Transponder coils, size 1210
logo
Marktech Corporate
MTSM235K-G-A MARKTECH-MTSM235K-G-A Datasheet
76Kb / 2P
1210 Yellow Surface Mount LED
MTSM735KA-UR-A MARKTECH-MTSM735KA-UR-A Datasheet
86Kb / 2P
1210 Red Surface Mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com