Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5073 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5073
Description  VCXO Module ICs with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5073 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5073 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5073 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CF5073 series
NIPPON PRECISION CIRCUITS INC.—5
ELECTRICAL CHARACTERISTICS
CF5073A
×
VDD = 3.0 to 3.6V, VC = 1.65V, VSS = 0V, Ta = –40 to +85°C, unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
HIGH-level output voltage
VOH
Q: Measurement circuit 1, IOH = 6mA
2.5
2.75
–
V
LOW-level output voltage
VOL
Q: Measurement circuit 1, IOL = 6mA
–
0.2
0.4
V
Output leakage current
IZ
Q: Measurement circuit 6,
INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Current consumption
IDD
Measurement circuit 2,
load circuit 1,
INHN = open, CL = 15pF,
f = 16MHz
CF5073A1
–
8
20
mA
CF5073A2
–
7.5
19.5
mA
CF5073A3
–
7
19.5
mA
CF5073A4 to 6
–
7
19
mA
INHN pull-up resistance
RUP
Measurement circuit 3
50
100
180
k
Ω
Built-in resistance
Rf
Design value, determined by internal wafer
pattern
150
300
540
k
Ω
RD
0.67
0.96
1.25
k
Ω
RB1
Measurement circuit 4
100
200
360
k
Ω
RB2
Design value, determined by internal wafer
pattern
50
100
180
k
Ω
Built-in capacitance
CV
Design value, determined
by internal wafer pattern
VC = 0.3V
11.0
14.4
17.8
pF
VC = 3.0V
2.4
4.0
5.6
pF
CG
Design value, determined by internal wafer
pattern
25.5
30
34.5
pF
CD
34
40
46
pF
CC
8.5
10
11.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com