Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

628J121/331FTR4 Datasheet(PDF) 3 Page - Bi technologies

Part # 628J121/331FTR4
Description  220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

628J121/331FTR4 Datasheet(HTML) 3 Page - Bi technologies

  628J121/331FTR4 Datasheet HTML 1Page - Bi technologies 628J121/331FTR4 Datasheet HTML 2Page - Bi technologies 628J121/331FTR4 Datasheet HTML 3Page - Bi technologies 628J121/331FTR4 Datasheet HTML 4Page - Bi technologies 628J121/331FTR4 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
Outline Dimensions (Inch/mm)
Note: Maximum allowable mold excursion = 0.006”
Note: Model 628: N = 16 Leads, Model 627: N = 14 Leads
Schematics
Solder Pad Layout (Inch/mm)

















 





 





































 

 

















 





 





































 

 

















 





 





































 

 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com