Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS6041PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IPS6041PBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6041PBF Datasheet(HTML) 3 Page - International Rectifier

  IPS6041PBF Datasheet HTML 1Page - International Rectifier IPS6041PBF Datasheet HTML 2Page - International Rectifier IPS6041PBF Datasheet HTML 3Page - International Rectifier IPS6041PBF Datasheet HTML 4Page - International Rectifier IPS6041PBF Datasheet HTML 5Page - International Rectifier IPS6041PBF Datasheet HTML 6Page - International Rectifier IPS6041PBF Datasheet HTML 7Page - International Rectifier IPS6041PBF Datasheet HTML 8Page - International Rectifier IPS6041PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IPS6041(G)(R)(S)PbF
Static Electrical Characteristics
Max.
Units
Test Conditions
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
ON state resistance Tj=25°C
⎯
110
130
5
2
Vin= V, Iout= .5A
ON state resistance Tj=150°C
⎯
190
230
.5A
Vin=5V, Iout=2
O
⎯
125
155
.5A
N state resistance Tj=25°C, Vcc=6V
Vin=5V, Iout=1
Rds(on)
ON state resistance during reverse battery
⎯
140
180
m
Ω
-Gn
V
Vcc
d=14
Vcc op.
Operating voltage range
6
⎯
28
V clamp 1
V
37
39
⎯
t=20
cc to Out clamp voltage 1
Iou
mA
V clamp 2
Vcc to Out clamp voltage 2
⎯
40
42
V
t=2.5
ee F
Iou
A (s
ig. 1)
Icc Off
S
⎯
4
9
µA
=0V
t=0V
upply current when Off
Vin
, Vou
Icc On
S
⎯
2.2
5
mA
5V
upply current when On
Vin=
Vih
Input high threshold voltage
⎯
2.5
2.9
Vil
Input low threshold voltage
⎯
1.5
2
In hyst.
Input hysteresis
V
0.2
0.5
1
Iin On
I
n=5V
nput current when device is On
⎯
45
100
Vi
Idg
Dg leakage current
10
µA
g=5
⎯
0.1
Vd
V
Vdg
Low level DG voltage
5
0.4
V
=1.
⎯
0.2
Idg
6mA
Switching
lectrical Characteris
Vcc=14V, Resistive load=6
Max.
Units
T
Conditions
E
tics
Ω, Vin=5V, Tj=25°C
Parameter
Min.
Typ.
Symbol
est
Tdon
Turn-on delay time
⎯
5
15
Tr1
Rise time to Vout=Vcc-5V
⎯
3
10
Tr2
Rise time to Vout=0.9 x Vcc
⎯
4
20
µs
dV/dt (On)
Turn On dV/dt
⎯
2.5
5
V/µs
EOn
T
100
⎯
µJ
urn On energy
⎯
Tdoff
Turn-off delay time
⎯
10
20
Tf
F
s
all time to Vout=0.1 x Vcc
3
10
⎯
µ
dV/dt (Off)
Turn Off dV/dt
⎯
6.5
20
V/µs
EOff
T
.
urn Off energy
⎯
50
⎯
µJ
s
g
ee Fi
3
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com