Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KA512AB8W3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M65KA512AB8W3
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB8W3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M65KA512AB8W3 Datasheet HTML 3Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 4Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 5Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 6Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 7Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 8Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 9Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 10Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
M65KA512AB
Description
7/55
Figure 1.
Logic diagram
AI12117
13
A0-A12
DQ0-DQ15
VDD
M65KA512AB
E
CAS
VSS
16
RAS
VDDQ
BA0-BA1
2
K
KE
W
VSSQ
UDQM
LDQM
Table 1.
Signal names
Name
Description
Direction
A0-A12
Address Inputs
Inputs
BA0-BA1
Bank Select Inputs
Inputs
DQ0-DQ15
Data Inputs/Outputs
Input/Outputs
K
Clock Input
Input
KE
Clock Enable Input
Input
E
Chip Enable Input
Input
W
Write Enable Input
Input
RAS
Row Address Strobe Input
Input
CAS
Column Address Strobe Input
Input
UDQM
Upper Data Input/Output Mask
Input
LDQM
Lower Data Input/Output Mask
Input
VDD
Supply voltage
Supply
VDDQ
Input/Output Supply voltage
Supply
VSS
Ground
-
VSSQ
Input/Output Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com