Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3568M Datasheet(PDF) 3 Page - EPCOS

Part # M3568M
Description  IF Filter for Quasi/Split Sound Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M3568M Datasheet(HTML) 3 Page - EPCOS

  M3568M Datasheet HTML 1Page - EPCOS M3568M Datasheet HTML 2Page - EPCOS M3568M Datasheet HTML 3Page - EPCOS M3568M Datasheet HTML 4Page - EPCOS M3568M Datasheet HTML 5Page - EPCOS M3568M Datasheet HTML 6Page - EPCOS M3568M Datasheet HTML 7Page - EPCOS M3568M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Mar 31, 2006
SAW Components
M 3568 M
45,75 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Characteristics of picture channel
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
44,06 (44,00) MHz
12,3
13,8
15,3
dB
following data
Relative attenuation
α
rel
Picture carrier
45,81 (45,75) MHz
4,9
5,9
6,9
dB
Color carrier
42,23 (42,17) MHz
1,4
2,4
3,4
dB
Sound carrier
41,31 (41,25) MHz
34,0
43,0
—
dB
Adjacent picture carrier
39,81 (39,75) MHz
50,0
65,0
—
dB
Adjacent sound carrier
47,31 (47,25) MHz
42,0
52,0
—
dB
Lower sidelobe
35,06 ... 39,81 (35,00 ... 39,75) MHz
41,0
45,0
—
dB
Upper sidelobe
47,31 ... 55,06 (47,25 ... 55,00) MHz
36,0
42,0
—
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Group delay predistortion
∆τ
(reference frequency 45,75 MHz)
42,23 (42,17) MHz
—50—
ns
Group delay ripple (p-p)
43,06 ... 45,81 (43,00 ... 45,75) MHz
∆τ
—40
—
ns
Impedance at 44,06 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,1 ||19,1
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,6 || 3,1
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com