Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXP-033SD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXP-033SD
Description  1.25G SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXP-033SD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXP-033SD Datasheet HTML 1Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 2Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 3Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 4Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 5Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 6Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Transmitter Optical, Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Input differential impedance
Rin
100
Differential data input swing
Vin PP
100
1200
mV
Transmit Disable Input High Voltage
2.0
V
Transmit Disable Input Low Voltage
0.8
V
Transmit Fault OutputHighVoltage
2.0
V
Transmit Fault Output LowVoltage
0.8
V
Transmit Disable Assert Time
0.14
5
µs
Optical Transmit Power
PO
-9.5
-3
dBm
Average Power
Extinction Ratio
ER
9
dB
Output Spectrum Width(RMS)
∆λ
4
nm
Receiver Optical, Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Single ended data output swing
Vout PP
200
800
mV
Receiver Loss of Signal Output
Voltage -high
2
V
Receiver Loss of Signal Output
Voltage -low
0.8
V
Sensitivity
Sen
-20
dBm
BER<1E-10
Maximum Input Power
PinMAX
-3
dBm
Signal detect Range
-30
-21
dBm
Signal detect-Hysteresis
0.5
dB
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Note
Storage Temperature
TS
-40
+85
Operating Temperature
TO
0
+70
Power Supply Voltage
VCC
-0.5
6.0
V
2of7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com