Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB25100 Datasheet(PDF) 2 Page - ON Semiconductor

Part # DFB25100
Description  Glass-Passivated Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DFB25100 Datasheet(HTML) 2 Page - ON Semiconductor

  DFB25100 Datasheet HTML 1Page - ON Semiconductor DFB25100 Datasheet HTML 2Page - ON Semiconductor DFB25100 Datasheet HTML 3Page - ON Semiconductor DFB25100 Datasheet HTML 4Page - ON Semiconductor DFB25100 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DFB2505, DFB2510, DFB2520, DFB2540, DFB2560, DFB2580, DFB25100
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, Unless otherwise specified) (Note 2)
Symbol
Parameter
Value
Unit
DFB2505 DFB2510 DFB2520 DFB2540 DFB2560 DFB2580 DFB25100
VRRM
Maximum Recurrent Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
I(AV)
Maximum Average Forward
Rectified Current
25
A
IFSM
Peak Forward Surge Current
(8.3 ms Single Half−wave)
350
A
RqJC
Typical Thermal Resistance
(Note 3)
4.75
°C/W
TJ
Operating Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Single−phase, half−wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
3. Device mounted on 4 inch x 6 inch x 0.25 inch Al−plate heat sink.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Unit
VF
Maximum Forward Voltage
12.5 A
1.0
V
Instantaneous Forward Voltage
25 A
1.1
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA = 25°C
10
mA
TA = 125°C
500
I2t
Rating for Fusing (t < 8.3 ms)
508
A2s
CJ
Typical Junction Capacitance per Leg (Note 4)
110
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Measured at 1 MHz and applied reverse bias of 4.0 V DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com