Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C232 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDB-C232
Description  Blue Enhanced Linear Array Silicon Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDB-C232 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDB-C232 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Blue enhanced
• Uniform outputs ± 5%
• Low crosstalk ± 2%
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
50
V
TSTG
Storage Temperature
-40
+100
°C
TO
Operating Temperature
-40
+75
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
7.5
11
µA
ID
Dark Current
VR = 5V
100
150
nA
RSH
Shunt Resistance
VR = 10 mV
100
250
MΩ
CJ
Junction Capacitance
VR =10 V, f = 1 MHz
30
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
VBR
Breakdown Voltage
I = 10 μA
30
75
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
1x10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Wavelength (nm)
PDB-C232
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The PDB-C232 is a blue enhanced 32 element linear
array silicon photodiode packaged in a PCB with a
terminal strip and flat glass window.
• Spectrometers
• Baggage scanners
• Characters recognition
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
PCB PACKAGE
PIN CONNECTIONS
ELEMENT NO.
PIN NO.
ELEMENT NO.
PIN NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CATHODE
CATHODE
18
1
18
34
2
33
3
32
4
31
5
30
6
29
7
28
8
27
9
26
10
25
11
24
12
23
13
22
14
21
15
20
16
19
17
.040 [1.02] PITCH
32X .065 [1.65]
ACTIVE AREA
31X .005 [0.13] GAP
32X .035 [0.89] ACTIVE AREA
1
34
17
18
.103 [2.62]
.025 [0.64]
.205 [5.20]
1.291 [32.78]
1.695 [43.05]
1.705 [43.31]
.350 [8.88]
.695 [17.65]
.705 [17.91]
.050 [1.27]
.100 [2.54] TYP
ELEMENT 1
.400 [10.16]
.150 [3.81]
.140 [3.56]
.220 [5.59]
.282 [7.16]
.050 [1.27]
.600 [15.24]
34X Ø.018 [0.46]
ELEMENT 32
COMMON
CATHODE
COMMON
CATHODE
www.lasercomponents.com
Issue:
08/06 / V1 / HW / api/si-pin/arrays/ pdb-c232.pdf
Blue Enhanced Linear Array Silicon Photodiode
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


Similar Part No. - PDB-C232

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
More results

Similar Description - PDB-C232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C216 ETC2-PDB-C216 Datasheet
175Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C216 ADVANCEDPHOTONIX-PDB-C216 Datasheet
110Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
SD200-12-22-041 ADVANCEDPHOTONIX-SD200-12-22-041 Datasheet
96Kb / 1P
Blue Enhanced Silicon Photodiode
SD200-12-22-241 ADVANCEDPHOTONIX-SD200-12-22-241 Datasheet
97Kb / 1P
Blue Enhanced Silicon Photodiode
SD219-51-03-301 ADVANCEDPHOTONIX-SD219-51-03-301 Datasheet
101Kb / 1P
Blue Enhanced Linear Array Silicon Photodiode
SD290-12-22-241 ADVANCEDPHOTONIX-SD290-12-22-241 Datasheet
96Kb / 1P
Blue Enhanced Silicon Photodiode
SD444-12-12-171 ADVANCEDPHOTONIX-SD444-12-12-171 Datasheet
102Kb / 1P
Blue Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD290-12-22-241 LUNA-SD290-12-22-241 Datasheet
181Kb / 2P
Blue Enhanced Silicon Photodiode
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
Blue Enhanced Linear Array Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com