Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R962 Datasheet(PDF) 2 Page - EPCOS

Part # R962
Description  SAW resonator Short range devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R962 Datasheet(HTML) 2 Page - EPCOS

  R962 Datasheet HTML 1Page - EPCOS R962 Datasheet HTML 2Page - EPCOS R962 Datasheet HTML 3Page - EPCOS R962 Datasheet HTML 4Page - EPCOS R962 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
January 12, 2006
R 962
433.95 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW resonator
Data sheet
Application
s
1-port resonator
s
Provides reliable, fundamental mode, quartz fre-
quency stabilization i.e. in transmitters or local oscil-
lators
Features
s
Package size 3.0 x 3.0 x 1.0 mm3
s
Package code DCC6E
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer Elpas
s
AEC-Q200 qualified component family
s
Electrostactic Sensitive Device (ESD)
12
3
4
5
6
bottom view
side view
top view
1,8
0,6
3,0
Pin configuration
s
2
Input
s
5
Output, grounded in 1-port conf.
s
1,3,4,6
Ground (case)
R1
L1
C0
C1
2
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com