Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM2
Description  CERAMIC SURFACE MOUNT MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM2 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
6.000 MHz - 100 MHz
Operating Mode
6.000MHz ~ 50MHz (Fundamental)
30MHz ~ 100MHz (3rd overtone)
Operating Temperature
-10°C to +60°C (See Options)
Storage Temperature
-40°C to +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±50ppm max. (See Options)**
Equivalent Series Resistance
200 W max. for 6.00MHz < F < 8.00MHz
(ESR)
100 W max. for 8.00MHz < F <10.00MHz
Fundamental
80 W max. for 10.00MHz < F < 12.00MHz
50 W max. for 12.00MHz < F < 50.0MHz
3rd Overtone
70 W max. for 30MHz < F <_ 100MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
500µW max., 100µW correlation
Aging @ 25°C per Year
±5ppm max.
Insulation Resistance
500MW min. at 100Vdc ±15V
APPLICATIONS:
• Microprocessor crystals.
• Modems, Communication, Test equipment.
FEATURES:
• Low profile 2.0 mm; suitable for thin equipment.
• Ceramic package assures high reliability.
• Tight tolerance and stability available.
• Suitable for solder reflow.
• Fundamental frequency up to 50MHz.
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Recommended handling, see appendix F.
Tape and Reel, see appendix H.(1,000 pcs/reel)
Application notes, see appendix A. Reflow profile, see appendix E.
ABM2 - Frequency - CL - ESR - Temperature - Tolerance - Stability -
Mode - Packaging
XX.XXXX MHz
RXXX
(value in W)
-1 for + 10ppm
-7 for + 15ppm
-2 for + 20ppm
-3 for + 25ppm
-4 for + 30ppm
- T
(Tape & Reel)
-U for + 10ppm *
-G for + 15ppm *
-X for + 20ppm *
-W for + 25ppm
-Y for + 30ppm
-H for + 35ppm
-E for 0°C to + 70°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
ORDERING OPTIONS
Load cap.in pF or
-S for Series
Dimensions: Inches (mm)
* Standard operating temperature only.
** +100ppm max. @ -40
oC to 85oC
- F(for Fundamental F >_ 30 MHz)
- FB (Fundamental BT >_ 30 MHz)
Recommended Land Pattern
MICROPROCESSOR CRYSTALS
CERAMIC SURFACE MOUNT MINIATURE
ABM2
8.0 x 4.5 x 2.0 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo @abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
8


Similar Part No. - ABM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABM2 ABRACON-ABM2 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
logo
M-System Co.,Ltd.
ABM2 MSYSTEM-ABM2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2 MSYSTEM-ABM2-B4W6A1-M2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2/Q MSYSTEM-ABM2-B4W6A1-M2/Q Datasheet
219Kb / 7P
Final Control Elements
More results

Similar Description - ABM2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0151 MACOM-MAFRIN0151 Datasheet
108Kb / 2P
Miniature Surface Mount Circulators
MAFRIN0205 MACOM-MAFRIN0205 Datasheet
110Kb / 2P
Miniature Surface Mount Isolators
logo
OPTEK Technologies
OPR5200 OPTEK-OPR5200 Datasheet
121Kb / 1P
MINIATURE SURFACE MOUNT LED
logo
Abracon Corporation
ABM3 ABRACON-ABM3 Datasheet
448Kb / 1P
ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
logo
PCA ELECTRONICS INC.
EPA3806GE PCA-EPA3806GE Datasheet
41Kb / 1P
Miniature Surface Mount Transformer
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
Miniature surface mount design
UP2B-220 COOPER-UP2B-220 Datasheet
512Kb / 8P
Miniature surface mount design
logo
TT Electronics.
OPR5200 TTELEC-OPR5200 Datasheet
1Mb / 3P
Miniature Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com