Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3
Description  ULTRA MINIATURE CERAMIC SURFACE MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
8.000 MHz - 60.000 MHz
Operation Mode
Fundamental
Operating Temperature
-10°C to +60°C (See Options)
Storage Temperature
-40°C to +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±100ppm max. (See Options)
Equivalent Series Resistance 500 W max. for 8.0MHz <_ F < 9.0MHz
(ESR) Maximum
200 W max. for 9.0MHz <_ F < 10.0MHz
60 W max. for 10.0MHz <_ F < 16.0MHz
50 W max. for 16.0MHz <_ F < 60.0MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
100µW max., 10µW correlation
Aging @ 25°C First Year
±5ppm max.
Insulation Resistance
500MW min. at 100Vdc ±15V
APPLICATIONS:
• Computers, Modems, Communication, Test equipment.
• Thin equipment.
FEATURES:
• Low in height. (1.5mm max.)
• Compact designs suitable for high density applications.
• High precision crystal .
• SMD; suitable for solder reflow.
• Fundamental frequency up to 60MHz.
• Superior heat-resistant glass sealing.
ABM3 - Frequency - CL - ESR - Temperature - Tolerance - Stability - Packaging
XX.XXXX MHz
RXXX (value in W)
- T
(Tape & Reel)
Load cap. in pF
or -S for Series
- E for 0 °C to + 70°C
- B for -20°C to + 70°C
- C for -30°C to + 70°C
- N for -30°C to + 85°C
- D for -40°C to + 85°C
Dimensions: Inches (mm)
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Recommended handling, see appendix F
Tape and Reel, see appendix H.(1,000 pcs/reel)
Reflow profile, see appendix E. Application notes, see appendix A.
-U for ± 10ppm max.*
-G for ± 15ppm max.*
-X for ± 20ppm max.*
-W for ± 25ppm max.
-Y for ± 30ppm max.
-H for ± 35ppm max.
- Z for ± 50ppm max.
-7 for ± 15ppm max.
-2 for ± 20ppm max.
-3 for ± 25ppm max.
-4 for ± 30ppm max.
* Standard temperature only
ORDERING OPTIONS
MICROPROCESSOR CRYSTALS
ULTRA MINIATURE
CERAMIC SURFACE MOUNT
ABM3
5.0 x 3.2 x 1.5 mm
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N
9


Similar Part No. - ABM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3 ABRACON-ABM3 Datasheet
837Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM3 ABRACON-ABM3 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
05-03-21
logo
List of Unclassifed Man...
ABM3-12.000MHZ-B2-T ETC1-ABM3-12.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-13.560MHZ-B2-T ETC1-ABM3-13.560MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-14.31818MHZ-B2-T ETC1-ABM3-14.31818MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
CERAMIC SURFACE MOUNT MINIATURE
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
logo
STATEK CORPORATION
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
logo
Advanced Crystal Techno...
ACT250SMX-4 ACT-ACT250SMX-4 Datasheet
164Kb / 2P
ultra miniature surface mount Crystal
8-11-2006
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
RF Monolithics, Inc
XTL1012 RFM-XTL1012 Datasheet
516Kb / 3P
Ultra-miniature Surface Mount Seam-Weld Package
logo
Advanced Crystal Techno...
ACT250SMX-4 ACT-ACT250SMX-4_12 Datasheet
186Kb / 3P
ultra miniature surface mount Crystal
31-5-2012
logo
STATEK CORPORATION
CX9SM STATEK-CX9SM_13 Datasheet
146Kb / 2P
Ultra-Miniature Surface Mount AT Quartz Crystal
CX11SM STATEK-CX11SM_11 Datasheet
154Kb / 2P
Ultra Miniature Surface Mount Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com