Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2393 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2393
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2393 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2393 Datasheet HTML 1Page - Advanced Power Technology MS2393 Datasheet HTML 2Page - Advanced Power Technology MS2393 Datasheet HTML 3Page - Advanced Power Technology MS2393 Datasheet HTML 4Page - Advanced Power Technology MS2393 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS2393
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS2393 is a gold metallized, silicon NPN power transistor.
The MS2393 is designed for applications requiring high peak power
and low duty cycles such as IFF, DME and TACAN. The MS2393 is
packaged in a metal/ceramic package with internal input/output
matching, resulting in improved broadband performance and low
thermal resistance.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
11
A
PDISS
Power Dissipation
583
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
0.30
°°C/W
Features
Features
• Designed For High Power Pulse IFF, DME, and TACAN
Applications
• 200 W (typ.) IFF 1030 – 1090 MHz
• 150 W (min.) DME 1025 – 1150 MHz
• 140 W (typ.) TACAN 960 – 1215 MHz
• 8.2 dB Gain
• Refractory Gold Metallization
• Ballasting And Low Thermal Resistance For Reliability
And Ruggedness
• 20:1 Load VSWR At Specified Operating Conditions
• Input And Output Matched Common Base
Configuration
RF AND MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2393

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2393 MICROSEMI-MS2393 Datasheet
190Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS2393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
logo
Advanced Power Technolo...
MS2210 ADPOW-MS2210 Datasheet
98Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MSC1090M MICROSEMI-MSC1090M Datasheet
60Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com