Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2473 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2473
Description  high power COMMON BASE bipolar transistor.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2473 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2473 Datasheet HTML 1Page - Microsemi Corporation MS2473 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi – PPG reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.microsemi.com or contact our factory direct.
GENERAL DESCRIPTION
The MS2473 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the 1090MHz frequency band. The device has
gold thin-film metallization for proven highest MTTF. Low thermal resistance
packaging reduces the junction temperature and extends device lifetime.
CASE OUTLINE
M112
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
2300 Watts
Maximum Voltage and Current
BVcbo
Collector to Base Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
46 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150
oC
Operating Junction Temperature
+ 200
oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηηηηc
RLIN
Power Out
Power Input = 150W
Power Gain
Collector Efficiency
Input Return Loss
F = 1090 MHz
Vcc = 50 Volts
PW = 10
µsec
DF = 1%
F = 1090 MHz
600
6.0
35
10
150
Watts
Watts
dB
%
dB
BVebo
BVcbo
Ices
hFE
Θjc2
Emitter to Base Breakdown
Collector to Base Breakdown
Collector to Emitter Leakage
DC - Current Gain
Thermal Resistance
Ie = 10 mA
Ic = 25 mA
Vce = 50V
Vce = 5V, Ic = 1A
3.5
65
5
0.06
35
200
Volts
Volts
mA
C/W
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
Initial , January 2007
MS2473
600 Watts, 50 Volts, Pulsed
Avionics 1090 MHz


Similar Part No. - MS2473

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2472 ADPOW-MS2472 Datasheet
139Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MS2475 MICROSEMI-MS2475 Datasheet
151Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2473

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TAN350 ADPOW-TAN350 Datasheet
711Kb / 4P
high power COMMON BASE bipolar transistor.
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
high power COMMON BASE bipolar transistor.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com