Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABMC2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMC2
Description  MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMC2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABMC2 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICROPROCESSOR CRYSTALS
CERAMIC SURFACE MOUNT MINIATURE
ABMC2
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
3.579545MHz - 70MHz
Operation Mode
3.579545MHz ~ 27MHz (Fundamental)
27.0MHz ~ 41.0MHz (Fund. BT or AT)
27.01MHz ~ 70MHz (3rd overtone)
Operating Temperature
-10°C to +60°C (See Options)
Storage Temperature
-40°C to +85°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±100ppm max. (See Options)
Equivalent Series Resistance
200 W max. for 3.57MHz < F < 4.00MHz
(ESR)
150 W max. for 4.00MHz < F < 5.00MHz
120 W max. for 5.00MHz < F < 6.00MHz
100 W max. for 6.00MHz < F < 7.00MHz
80 W max. for 7.00MHz < F < 9.00MHz
AT Fundamental
60 W max. for 9.00MHz < F < 12.00MHz
50 W max. for 12.00MHz < F < 20.00MHz
40 W max. for 20.00MHz < F < 27.00MHz
AT or BT Fundamental
40 W max. for 27.00MHz < F < 41.00MHz
3rd Overtone
100 W max. for 27.01MHz < F < 70.00MHz
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
100µW max.
Aging @ 25°C per Year
±5ppm max.
Insulation Resistance
500M W min. at 100Vdc ±15V
APPLICATIONS:
• PCMCIA applications.
• Microprocessors.
• Communication equipment, Networking, Thin equipment.
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Tape and Reel, see appendix H.(1,000 pcs/reel)
Reflow profile, see appendix E. Recommended handling, see appendix F.
Application notes, see appendix A.
ABMC2 - Frequency - CL - ESR - Temperature - Tolerance - Stability - Mode - Packaging
XX.XXXX MHz
RXXX
(value in W)
-1 for ± 10ppm
-7 for ± 15ppm
-2 for ± 20ppm
-3 for ± 25ppm
-4 for ± 30ppm
- T
(Tape & Reel)
- F (Fundamental AT > 27MHz)
- FB (Fundamental BT > 27MHz)
-U for ± 10ppm
-G for ± 15ppm
-X for ± 20ppm
-W for ± 25ppm
-Y for ± 30ppm
-H for ± 35ppm
-Z for ± 50ppm
-E for 0°C to + 70°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
ORDERING OPTIONS
Load cap. in pF
(10pF min.)
or -S for Series
Dimensions: Inches (mm)
FEATURES:
• 2.0 mm height.
• High reliability; AT Strip cut for high-precision.
• Resistance welded.
• Extended temperature available.
• Low frequency in true SMD package.
• Reflow capable.
11.0 x 5.0 x 2.0 mm
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 17


Similar Part No. - ABMC2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
SMD MICROPROCESSOR CRYSTAL
08.19.10
More results

Similar Description - ABMC2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
Microprocessor Crystals
logo
Abracon Corporation
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
ABSM3 ABRACON-ABSM3 Datasheet
449Kb / 1P
MICROPROCESSOR CRYSTALS AT 49 CASE GROUNDED (- G), SURFACE MOUNT
ABM4A ABRACON-ABM4A_07 Datasheet
259Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
12.28.07
logo
Vectron International, ...
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
Microprocessor Crystals
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
Microprocessor Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com