Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C408 Datasheet(PDF) 40 Page - Coilcraft lnc.

Part # C408
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C408 Datasheet(HTML) 40 Page - Coilcraft lnc.

Back Button C408 Datasheet HTML 36Page - Coilcraft lnc. C408 Datasheet HTML 37Page - Coilcraft lnc. C408 Datasheet HTML 38Page - Coilcraft lnc. C408 Datasheet HTML 39Page - Coilcraft lnc. C408 Datasheet HTML 40Page - Coilcraft lnc. C408 Datasheet HTML 41Page - Coilcraft lnc. C408 Datasheet HTML 42Page - Coilcraft lnc. C408 Datasheet HTML 43Page - Coilcraft lnc. C408 Datasheet HTML 44Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
Dimensions (inches mm)
Body
Size
Amax
Bmax
Cmax
D cen
1
0.34 8,64
0.34 8,64
0.28 7,00
0.26 6,60
2
0.44 11,05
0.44 11,18
0.37 9,50
0.35 8,89
3
0.56 14,22
0.56 14,35
0.37 9,50
0.45 11,43
4
0.59 14,99
0.61 15,62
0.41 10,50
0.50 12,70
5
0.67 17,02
0.70 17,78
0.41 10,50
0.58 14,73
6
0.66 16,89
0.66 16,89
0.41 10,50
0.56 14,22
7
0.74 18,80
0.74 18,80
0.41 10,50
0.63 16,00
8
0.94 23,88
0.94 23,88
0.41 10,50
0.82 20,83
DS1608B
Insulation
Inductance
DCR max
core-winding
SRF typ
I
rms
Part number
±20% (mH)
(Ohms)
(MOhms)
(MHz)
(mA)
DS1608B-104MLC
0.10
0.95
>10
12
220
DS1608B-154MLC
0.15
1.4
>10
10
200
DS1608B-224MLC
0.22
1.7
>10
8
180
DS1608B-334MLC
0.33
2.2
>10
6
160
DS1608B-474MLC
0.47
3.8
>10
5
140
DS1608B-684MLC
0.68
4.9
>10
4
120
DS1608B-105MLC
1.0
9
>10
2
100
DS1608B-155MLC
1.5
11
>10
1
80
DS1608B-225MLC
2.2
19
>10
1
50
DS1608B-335MLC
3.3
24
>10
1
40
DS1608B-475MLC
4.7
30
>10
1
30
DS1608B-685MLC
6.8
56
>10
0.9
20
DS1608B-106MLC
10
74
>10
0.8
10
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
DS1608B
0.175 4,45
0.260 6,60
0.115 2,92
0.160 4,06 0.050 1,27 0.170 4,32 0.040 1,02
A
B
C
D
E
FG
C
T-XXX
XXXX Y
A
B
D
E
F
Dimensions (inches mm)
Series
Amax
Bmax
C max
D
E
F
MVR1247
0.453 11,50
0.384 9,75
0.185 4,70
0.360 9,14 0.223 5,67
0.069 1,75
MVR1251
0.453 11,50
0.384 9,75
0.200 5,10
0.360 9,14 0.223 5,67
0.069 1,75
MVR1255
0.453 11,50
0.384 9,75
0.217 5,50
0.360 9,14 0.223 5,67
0.069 1,75
MVR1261
0.453 11,50
0.384 9,75
0.240 6,10
0.360 9,14 0.223 5,67
0.069 1,75
MVR1271
0.453 11,50
0.384 9,75
0.280 7,10
0.360 9,14 0.223 5,67
0.069 1,75
MVR1278
0.453 11,50
0.384 9,75
0.307 7,80
0.360 9,14 0.223 5,67
0.069 1,75
MVR High Current
Inductance
DCR ±8%
SRF
I
sat (A)
I
rms
Height
Part number
±20% (µH)
(mOhms)
(MHz)
20% drop
(A)
max (mm)
Low core loss
MVR1251T-251MLC
0.25
0.925
160
35
25
5.1
MVR1251T-361MLC
0.36
0.925
140
24
24
5.1
MVR1251T-561MLC
0.56
0.925
110
13
25
5.1
MVR High Current
Inductance
DCR ±8%
SRF
I
sat (A)
I
rms
Height
Part number
±20% (µH)
(mOhms)
(MHz)
20% drop
(A)
max (mm)
Soft saturation
MVR1247C-361MLC
0.36
0.925
120
36
24
4.7
MVR1255C-651MLC
0.65
1.50
115
24
19
5.5
MVR1261C-112MLC
1.10
1.95
95
20
20
6.1
MVR1271C-162MLC
1.65
2.53
55
17
20
7.1
MVR1278C-232MLC
2.30
3.08
50
16
17
7.8
SPT Toroid
Inductance DCR max
SRF typ
I
sat (A)
Body
Part number
±20% (µH)
(mOhms)
(MHz)
10% drop 20% drop 30% drop size
Standard series
SPT20L-112MLD
1.1
16.0
130
3.2
4.8
6.7
1
SPT38L-382MLD
3.8
9.3
61
4.0
6.1
8.2
3
SPT30L-522MLD
5.2
24.2
47
2.8
4.2
5.8
2
SPT20L-702MLD
7.0
95.0
37
1.2
1.8
2.5
1
SPT38L-752MLD
7.5
22.8
50
2.7
4.2
5.8
3
SPT44L-792MLD
7.9
16.2
26
3.5
5.4
7.3
4
SPT30L-123MLD
12
54.7
23.9
1.9
2.8
3.7
2
SPT44L-143MLD
14
23.6
15.6
2.8
4.1
5.7
4
SPT50L-163MLD
16
19.7
14.3
2.8
4.2
5.8
5
SPT38L-223MLD
22
63
18.1
1.5
2.3
3.1
3
SPT20L-233MLD
23
320
13.5
0.6
1.0
1.3
1
SPT50L-263MLD
26
32
11.2
2.3
3.4
4.6
5
SPT30L-353MLD
35
166
11.0
1.1
1.6
2.2
2
SPT44L-413MLD
41
85
8.30
1.6
2.3
3.1
4
SPT38L-733MLD
73
290
10.8
0.81
1.3
1.7
3
SPT50L-733MLD
73
133
4.56
1.4
2.0
2.7
5
SPT30L-174MLD
170
640
3.84
0.44
0.68
0.95
2
SPT38L-294MLD
290
657
2.87
0.41
0.64
0.90
3
SPT50L-564MLD
560
550
1.54
0.37
0.59
0.81
5
SPT38L-674MLD
670
1200
1.38
0.26
0.40
0.55
3
SPT44L-115MLD
1100
1908
1.35
0.25
0.41
0.57
4
SPT50L-205MLD
2000
1932
1.35
0.18
0.29
0.41
5
High current series
SPT44H-282MLD
2.8
4.6
74
5.8
8.8
12.2
6
SPT44H-422MLD
4.2
6.6
61
5.0
7.8
10.9
6
SPT50H-652MLD
6.5
7.2
27.3
4.6
6.7
9.1
7
SPT50H-842MLD
8.4
8.5
22.8
4.3
6.4
8.5
7
SPT68H-113MLD
11
8.2
25.9
4.8
7.2
9.9
8
SPT68H-183MLD
18
12.5
12.0
3.9
5.7
7.7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com