Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN31 Datasheet(PDF) 4 Page - Bi technologies

Part # BCN31
Description  R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31 Datasheet(HTML) 4 Page - Bi technologies

  BCN31 Datasheet HTML 1Page - Bi technologies BCN31 Datasheet HTML 2Page - Bi technologies BCN31 Datasheet HTML 3Page - Bi technologies BCN31 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-16
Model BCN 31 Ladder
ORDERING INFORMATION
BCN
31
AB
L
XXX
G 7
Model Series
Width:
31 = 3.1mm
Edge Option:
AB = Square Edge, Convex Termination
Circuit Type:
L = Ladder
Packaging Option:
7 = 7" Tape & Reel, 4K/Reel
13 = 13" Tape & Reel, 16K/Reel
Tolerance:
G =
±2%
Resistance Code:
102 = 1K / 2K
103 = 10K / 20K
253 = 25K / 50K
503 = 50K / 100K
104 = 100K / 200K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com