Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH85331F Datasheet(PDF) 4 Page - Bi technologies

Part # BH85331F
Description  High Profile SIP Thick Film Conformal Coated Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BH85331F Datasheet(HTML) 4 Page - Bi technologies

  BH85331F Datasheet HTML 1Page - Bi technologies BH85331F Datasheet HTML 2Page - Bi technologies BH85331F Datasheet HTML 3Page - Bi technologies BH85331F Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-20
Model BH Series
ORDERING INFORMATION
BH 8 5 331 / 471 F
Model Series
Tolerance Code: (If other than standard.)
F =
±1%
J =
±5%
R2 Resistance Code:
(Add for -5 circuit only.)
Number of Leads:
4 thru 14
Circuit Type:
-3 = Isolated
-1 = Bussed
-5 = Dual Terminator
Resistance Code:
First 2 digits are significant (3 digits for
±1%)
Last digit denotes number of trailing zeros.
PACKAGING
Standard:
Bulk
`
Capacity
=
200 Units



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com