Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM41 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACM41
Description  SMD COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM41 Datasheet(HTML) 1 Page - Abracon Corporation

  ACM41 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
Number
ACM21-
300M
670M
900M
121M
161M
181M
261M
371M
Z
(W)
±20%
30
67
90
120
160
180
260
370
Test
Freq
(MHz)
100
100
100
100
100
100
100
100
RDC
Max
(
Ω)
0.20
0.28
0.35
0.30
0.35
0.35
0.40
0.45
IRATE
Max
(mA)
450
400
330
370
350
330
300
280
Part
Number
ACM31-
900M
161M
261M
601M
102M
222M
Z
(W)
±20%
90
160
260
600
1000
2200
Test
Freq
(MHz)
100
100
100
100
100
100
RDC
Max
(
Ω)
0.30
0.40
0.50
0.80
1.00
1.20
IRATE
Max
(mA)
370
340
310
260
230
200
Part
Number
ACM41-
1R25K
4R2K
Z
(W)
±10%
90
160
Test
Freq
(MHz)
50
10
RDC
Max
(
Ω)
0.50
0.80
IRATE
Max
(mA)
800
800
C
E
D
B
A
C
E
0.173
4,40
D
0.097
2,45
B
A
D+
D-
ACM
VCC
TPA-
TPB-
TPB+
ACM
VCC
TPA+
ACM
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
SMD COMMON MODE CHOKE
SMD COMMON MODE CHOKE
SMD COMMON MODE CHOKE
ACM21, ACM31, ACM41 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
A
B
C
D
E
ACM-21
0.081±0.008
(2,05±0,20)
0.049±0.008
(1,25±0,20)
0.047±0.008
(1,20±0,20)
0.016
(0,40)
0.018
(0,45)
ACM-31
0.125±0.008
(3,20±0,20)
0.063±0.008
(1,60±0,20)
0.075±0.008
(1,90±0,20)
0.024
(0,60)
0.024
(0,60)
ACM-41
0.195±0.008
(4,95±0,20)
0.138±0.008
(3,50±0,20)
0.140Max
(3,56)
0.030
(0,75)
0.040
(1,02)
OPTIONS:
• Tape & Reel is standard
APPLICATIONS:
• USB line filter
• USB 2.0/IEEE1394/LVDS
FEATURES:
• Ferrite base
• Lead Free
• Ordering Code: ACM-XX(Size)-XXX(Value)M-T(T&R)
• Tolerance: K=±10%, M=±20%
• Letter suffix indicates standard tolerance
• Rated Voltage: 50VDC
• Insulation Resistance: 10MW minimum
• See SCD or detail E&M performance
• Operating Temperature: -30°C to +85°C
Note: All specification subject to change without noticed.


Similar Part No. - ACM41

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4001A AZDISPLAYS-ACM4001A Datasheet
76Kb / 5P
ACM4001A SERIES LCD MODULE
ACM4002 AZDISPLAYS-ACM4002 Datasheet
67Kb / 5P
ACM4002D SERIES LCD MODULE
ACM4002 AZDISPLAYS-ACM4002 Datasheet
288Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4002D AZDISPLAYS-ACM4002D Datasheet
67Kb / 5P
ACM4002D SERIES LCD MODULE
ACM4002E AZDISPLAYS-ACM4002E Datasheet
288Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM41

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
SMD Common Mode Choke
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
SMD Common Mode Choke
CMMI ETC2-CMMI Datasheet
1Mb / 11P
SMD Common Mode Choke
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
SMD Common Mode Choke
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
SMD Common Mode Choke
logo
Allied Components Inter...
ACM6460 ALLIED-ACM6460 Datasheet
308Kb / 1P
SMD Common Mode Choke
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
SMD COMMON MODE CHOKE
logo
Shanghai Leiditech Elec...
LDWI LEIDITECH-LDWI Datasheet
1Mb / 11P
SMD Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com