Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4887 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4887 Datasheet HTML 1Page - NXP Semiconductors TDA4887 Datasheet HTML 2Page - NXP Semiconductors TDA4887 Datasheet HTML 3Page - NXP Semiconductors TDA4887 Datasheet HTML 4Page - NXP Semiconductors TDA4887 Datasheet HTML 5Page - NXP Semiconductors TDA4887 Datasheet HTML 6Page - NXP Semiconductors TDA4887 Datasheet HTML 7Page - NXP Semiconductors TDA4887 Datasheet HTML 8Page - NXP Semiconductors TDA4887 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
2001 Oct 19
3
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
1
FEATURES
• 160 MHz pixel rate
• 2.7 ns rise time, 3.6 ns fall time
• I2C-bus control
• I2C-bus data buffer for synchronization of adjustments
• 8-bit Digital-to-Analog Converters (DACs)
• 200 ns input clamping pulse
• 4.6 V (p-p) output signal
• Brightness control with grey scale tracking for
user-friendly performance (4 dB more than TDA4885
and TDA4886)
• Brightness control without grey scale tracking for easy
alignment
• On Screen Display (OSD) mixing with 50 MHz pixel rate
• OSD contrast
• Negative feedback for DC-coupled cathodes
• Especially for AC-coupled cathodes
– Bus controlled black level adaptable to post amplifier
type
– Internal positive feedback
– DAC outputs for black level restoration
• Integrated black level storage capacitors
• Beam current limiting
• Subcontrast/contrast modulation
• Adjustable pedestal blanking
• Sync clipping.
2
GENERAL DESCRIPTION
The TDA4887PS is a monolithic integrated RGB
preamplifier for colour monitor systems (e.g. 15" and 17")
with I2C-bus control and OSD. In addition to bus control,
beam current limiting and contrast modulation are
possible. The IC offers brightness control with or without
grey scale tracking for easy alignment. The signals are
amplified to drive commonly used video modules or
discrete solutions. A choice can be made between
individual black level control with negative feedback from
the cathode (DC coupling), or black level control with
positive feedback and three DAC outputs for external
cut-off control (AC coupling).
The circuit can be used with special advantages in
conjunction with the TDA485x monitor deflection IC family.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4887PS
SDIP24
plastic shrink dual in-line package; 24 leads (400 mil)
SOT234-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com