Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACSDL Datasheet(PDF) 3 Page - Abracon Corporation

Part # ACSDL
Description  5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACSDL Datasheet(HTML) 3 Page - Abracon Corporation

  ACSDL Datasheet HTML 1Page - Abracon Corporation ACSDL Datasheet HTML 2Page - Abracon Corporation ACSDL Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5.0VDC or 3.3VDC • 8 PIN DIP • HCMOS/ TTL
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
ACSD and ACSDL
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
Rev. 2.4
05/2003
ABRACON
®
CORPORA TION
ORDERING OPTIONS
ASCD(L) - FREQUENCY - TEMPERATURE - FREQ. STABILITY - BANDWIDTH - VALUE ADDED
-CX = Center Spread
-DX = Down Spread
(See table 3 for selection)
-R for ± 25 ppm max.
-K for ± 30 ppm max.
-H for ± 35 ppm max.
-C for ± 50 ppm max.
Fo in MHz as; XXX.XXXX
Example: ACSD-48.0000-E-C-C4-T
Would be the part number for a 48.0000 MHz, ±0.4% center spread with a +/- 50ppm frequency accuracy.
OPERATING VOLTAGE
ACSDL = 3.3 ±5% VDC
ACSD = 5.0 ±5% VDC
-E for -20°C to +70°C
-F for -30°C to +70°C
-N for -30°C to +85°C
-L for -40°C to +85°C
QXX (trimmed leads)
(Q10 for 0.10”)
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com