Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC20F Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC20F
Description  CDx4HC20 Dual 4-Input NAND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC20F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC20F Datasheet HTML 1Page - Texas Instruments CD54HC20F Datasheet HTML 2Page - Texas Instruments CD54HC20F Datasheet HTML 3Page - Texas Instruments CD54HC20F Datasheet HTML 4Page - Texas Instruments CD54HC20F Datasheet HTML 5Page - Texas Instruments CD54HC20F Datasheet HTML 6Page - Texas Instruments CD54HC20F Datasheet HTML 7Page - Texas Instruments CD54HC20F Datasheet HTML 8Page - Texas Instruments CD54HC20F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CDx4HC20 Dual 4-Input NAND Gates
1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
-55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs
2 Applications
• Alarm / tamper detect circuit
• S-R latch
3 Description
This device contains two independent 4-input NAND
gates. Each gate performs the Boolean function
Y = A ● B ● C ● D in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CD74HC20M
SOIC (14)
8.70 mm × 3.90 mm
CD74HC20E
PDIP (14)
19.30 mm × 6.40 mm
CD54HC20F
CDIP (14)
21.30 mm × 7.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1
2
3
7
4
5
6
14
13
12
8
11
10
9
1A
1B
NC
1C
1D
1Y
GND
2D
2C
NC
2B
2A
2Y
V
CC
Functional pinout
CD74HC20, CD54HC20
SCHS130D – AUGUST 1997 – REVISED MAY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC20F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC20F TI2-CD54HC20F Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
CD54HC20F3A TI-CD54HC20F3A Datasheet
257Kb / 9P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC20F3A TI1-CD54HC20F3A Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC20F3A TI2-CD54HC20F3A Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
CD54HC20F3A.A TI2-CD54HC20F3A.A Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
More results

Similar Description - CD54HC20F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
Dual 4-input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com