Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER483 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ER483
Description  High quality reflectors for retro-reflective photoelectric switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ER483 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ER483 Datasheet HTML 1Page - List of Unclassifed Manufacturers ER483 Datasheet HTML 2Page - List of Unclassifed Manufacturers ER483 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (26.11.2012)
1
Photoelectrics
Accessories
Reflectors Type ER
• High quality reflectors for retro-reflective
photoelectric switches
• Reflective tape suitable for polarized light
• Heated reflectors for cold storage or freezer installations
• All catalogued photoelectrics use ER 4 as reference for
applicable sensing distance
Type Selection
Size
Mounting 1)
Ordering no.
Reduction factors
W x H x D
on distance
51.0 x 17.5 x 6.0
Adhesive
ER 1
0.20
60.0 x 41.0 x 8.0
2 x M3 screws
ER 4060
0.81
80.0 x 54.0 x 8.0
Adhesive
ER 5080
0.60
82.0 x 37.0 x 5.5
Adhesive
ER 8
0.51
186.0 x 46.5 x 8.0
2 x M6 screws
ER 42182
0.65
100.0 x 100.0 x 9.2
2 x M3 screws
ER 100
1.20
84.5 x 84.5 x 9.0
2 x M3 screws
ER 840
0.96
51.5 x 61.0 x 8.0
2 x M4 screws
ER 5060
0.80
23.5 x 47.5 x 8.0
2 x M3.5 screws
ER 390
0.39
32.5 x 65.0 x 8.0
2 x M3.5 screws
ER 483
0.55
19.0 x 72.5 x 8.4
2 x M3.5 screws
ER 530
0.45
55.3 x 126.0 x 9.0
2 x M6 screws
ER 686
0.92
18.5 x 120.0 x 6.5
2 x M4 screws
ER 665
0.45
13.0 x 17.0 x 5.0
Adhesive
ER 640
0.16
52.0 x 119.0 x 27.0
4 x M4 screws
ER 681 2)
0.92
Ø 35.0 x 5.5
Adhesive
ER 692
0.53
Ø 84.0 x 7.4
1 x M4 screw
ER 4
1.00
Ø 25.0 x 5.0
Adhesive
ER 689
0.39
Ø 42.0 x 6.0
Adhesive
ER 420
0.54
Ø 42.0 x 60.0 x 6.8
2 x M3.5 screws
ER 423
0.54
Ø 46.0 x 6.5
Adhesive
ER 460
0.55
Reflective tape
25 mm wide x 45.7 meters long (1 roll)
ERT 25
0.23 (25 x25 mm)
50 mm wide x 45.7 meters long (1 roll)
ERT 50
0.34 (50 x 50 mm)
1)
Mounting material not included
2)
(internal heating)
Reflectors
Material: PMMA/ABS
Temperature range: -20 to +60 degree C
Degree of protection: IP69K
Reflective tape
Material: PMMA (Acrylic)
Temperature range: -20 to +50 degree C


Similar Part No. - ER483

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ER4831 SUMIDA-ER4831 Datasheet
126Kb / 1P
DC/DC CONVERTER TRANSFORMERS
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
General Power Transformer
More results

Similar Description - ER483

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2SGC-2P3234 SICK-WL2SGC-2P3234 Datasheet
756Kb / 7P
Photoelectric retro-reflective sensor
2/2/2016
WLG4-3F3182 SICK-WLG4-3F3182 Datasheet
781Kb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WLG4-3N1382 SICK-WLG4-3N1382 Datasheet
779Kb / 6P
Photoelectric retro-reflective sensor
WLG4-3P1482 SICK-WLG4-3P1482 Datasheet
779Kb / 6P
Photoelectric retro-reflective sensor
WLG4-3P2132 SICK-WLG4-3P2132 Datasheet
793Kb / 6P
Photoelectric retro-reflective sensor
WLG4S-3P1132V SICK-WLG4S-3P1132V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3P2232V SICK-WLG4S-3P2232V Datasheet
1Mb / 7P
Photoelectric retro-reflective sensor
2/4/2016
WLG4S-3P2232VS03 SICK-WLG4S-3P2232VS03 Datasheet
1Mb / 6P
Photoelectric retro-reflective sensor
2/4/2016
WL8-P2131 SICK-WL8-P2131 Datasheet
733Kb / 7P
Photoelectric retro-reflective sensor
2/11/2016
WL8-P2231 SICK-WL8-P2231 Datasheet
740Kb / 7P
Photoelectric retro-reflective sensor
2/11/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com