Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5145 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5145 Datasheet HTML 2Page - NXP Semiconductors TDA5145 Datasheet HTML 3Page - NXP Semiconductors TDA5145 Datasheet HTML 4Page - NXP Semiconductors TDA5145 Datasheet HTML 5Page - NXP Semiconductors TDA5145 Datasheet HTML 6Page - NXP Semiconductors TDA5145 Datasheet HTML 7Page - NXP Semiconductors TDA5145 Datasheet HTML 8Page - NXP Semiconductors TDA5145 Datasheet HTML 9Page - NXP Semiconductors TDA5145 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
June 1994
6
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
handbook, halfpage
50
6
4
2
0
0
200
MBD866
50
100
150
P tot
(W)
T
( C)
amb
o
3.08
1.75
70
Fig.3 Power derating curve (SOT117-1; DIL28).
P tot
(W)
50
3
2
0
0
200
MBD557
50
100
150
T
( C)
amb
o
1.62
1
Fig.4 Power derating curve (SOT136-1; SO28L).
HANDLING
Every pin withstands the ESD test according to
“MIL-STD-883C class 2”. Method 3015 (HBM 1500
Ω, 100 pF) 3 pulses +
and 3 pulses
− on each pin referenced to ground.
CHARACTERISTICS
VP = 14.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
4
−
18
V
IP
supply current
note 2
−
6.8
7.8
mA
VVMOT
input voltage to the output driver
stages
see Fig.1
1.7
−
16
V
Thermal protection
TSD
local temperature at temperature
sensor causing shut-down
130
140
150
°C
∆T
reduction in temperature before
switch-on
after shut-down
−
TSD − 30 −
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com