Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISM-1812-R12M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISM-1812-R12M
Description  WIRE WOUND MOLDED CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISM-1812-R12M Datasheet(HTML) 1 Page - Abracon Corporation

  AISM-1812-R12M Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Length
Width
Height
Pad Width
Pad Length
(L)
(W)
(H)
(PW)
(PL)
AISM-1812
0.177±.012 0.125±.008 0.125±.008
0.047±.004
0.040±.004
(4,5±0,3)
(3,2±0,2)
(3,2±0,2)
(1,2±0,1)
(1,0±0,1)
PART
L
Q
L
SRF DCR
IDC
NUMBER
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz) (MHz) (MAX)
(MAX)
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
50
50
50
50
50
50
50
50
50
50
50
30
50
50
40
40
40
40
40
40
30
30
30
20
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
18
17
15
13
12
11
10
10
9
9
8
8
6
5
5
4
4
3.5
3
3
3
3
2.5
2.5
2.0
2.5
2.8
3.2
3.6
4.0
4.5
5.0
5.5
6.0
7.0
8.0
8.0
9.0
9.5
10
12
14
18
26
30
30
35
4.0
225
200
190
180
170
160
150
140
135
130
120
110
110
105
102
100
92
85
80
62
50
50
30
50
PART
L
Q
L
SRF DCR
IDC
NUMBER
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz) (MHz) (MAX)
(MAX)
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
35
35
35
35
40
40
40
40
40
40
40
40
50
50
50
50
50
50
50
50
50
50
50
50
50
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
300
300
250
220
200
180
165
150
145
140
135
130
100
80
70
60
55
50
45
40
35
33
27
25
20
0.20
0.20
0.20
0.20
0.30
0.30
0.30
0.30
0.30
0.40
0.40
0.50
0.50
0.60
0.60
0.70
0.70
0.80
0.80
0.90
1.00
1.10
1.20
1.40
1.60
800
770
730
700
665
635
605
575
545
520
500
475
450
430
410
390
380
370
355
330
315
300
285
270
250
AISM-1812-R10M
AISM-1812-R12M
AISM-1812-R15M
AISM-1812-R18M
AISM-1812-R22M
AISM-1812-R27M
AISM-1812-R33M
AISM-1812-R39M
AISM-1812-R47M
AISM-1812-R56M
AISM-1812-R68M
AISM-1812-R82M
AISM-1812-1R0K
AISM-1812-1R2K
AISM-1812-1R5K
AISM-1812-1R8K
AISM-1812-2R2K
AISM-1812-2R7K
AISM-1812-3R3K
AISM-1812-3R9K
AISM-1812-4R7K
AISM-1812-5R6K
AISM-1812-6R8K
AISM-1812-8R2K
AISM-1812-100K
AISM-1812-120K
AISM-1812-150K
AISM-1812-180K
AISM-1812-220K
AISM-1812-270K
AISM-1812-330K
AISM-1812-390K
AISM-1812-470K
AISM-1812-560K
AISM-1812-680K
AISM-1812-820K
AISM-1812-101K
AISM-1812-121K
AISM-1812-151K
AISM-1812-181K
AISM-1812-221K
AISM-1812-271K
AISM-1812-331K
AISM-1812-391K
AISM-1812-471K
AISM-1812-561K
AISM-1812-681K
AISM-1812-821K
AISM-1812-102K
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
WIRE WOUND MOLDED CHIP INDUCTORS
WIRE WOUND MOLDED CHIP INDUCTORS
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1812 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -40°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
Note: All specifications subject to change without notice.
L
PL
H
PW
W


Similar Part No. - AISM-1812-R12M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-1812H-100 ABRACON-AISM-1812H-100 Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-1812H-101 ABRACON-AISM-1812H-101 Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-1812H-120 ABRACON-AISM-1812H-120 Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-1812H-121 ABRACON-AISM-1812H-121 Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
More results

Similar Description - AISM-1812-R12M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com